Electronic Components Datasheet Search
  English  ▼

X  

SFH692AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH692AT
Description  Photodarlington Optocoupler, High BVCEO Voltage Miniflat SOP Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH692AT Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH692AT Datasheet HTML 1Page - Vishay Siliconix SFH692AT Datasheet HTML 2Page - Vishay Siliconix SFH692AT Datasheet HTML 3Page - Vishay Siliconix SFH692AT Datasheet HTML 4Page - Vishay Siliconix SFH692AT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 83720
Rev. 5, 25-Jun-03
VISHAY
SFH692AT
Vishay Semiconductors
Detector
Coupler
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Emitter
Detector
Parameter
Test condition
Symbol
Value
Unit
Collector-emitter voltage
VCE
300
V
Emitter-collector voltage
VEC
0.3
V
Collector current
IC
50
mA
tp ≤ 1.0 ms
IC
150
mA
Total power dissipation
PDiss
200
mW
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage between
emitter and detector, (1.0 s)
VIO
3750
VRMS
Creepage
≥ 5.0
mm
Clearance
≥ 5.5
mm
Comparative tracking index per
DIN IEC 112/VDEO 303, part 1
≥ 175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to + 100
°C
Junction temperature
Tj
100
°C
Soldering temperature (max. 10
s. dip soldering distance to
seating plane
≥ 1.5 mm)
Tsd
260
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 10 mA
VF
1.2
1.5
V
Reverse current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
14
pF
Thermal resistance
RthJA
750
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter leakage
current
VCE = 200 V
ICEO
200
nA
Capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
39
pF
Thermal resistance
RthJA
500
K/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com