Electronic Components Datasheet Search
  English  ▼

X  

SFH692AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH692AT
Description  Photodarlington Optocoupler, High BVCEO Voltage Miniflat SOP Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH692AT Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH692AT Datasheet HTML 1Page - Vishay Siliconix SFH692AT Datasheet HTML 2Page - Vishay Siliconix SFH692AT Datasheet HTML 3Page - Vishay Siliconix SFH692AT Datasheet HTML 4Page - Vishay Siliconix SFH692AT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VISHAY
SFH692AT
Document Number 83720
Rev. 5, 25-Jun-03
Vishay Semiconductors
www.vishay.com
3
Coupler
Current Transfer Ratio
Switching Characteristics
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter saturation
voltage
IF = 1.0 mA, IC = 10 mA
VCEsat
1.0
V
IF = 10 mA, IC = 100 mA
VCEsat
0.3
1.2
V
Coupling capacitance
f = 1.0 MHz, VI-O = 0 V
CC
0.6
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Current transfer ratio
IF = 1.0 mA, VCE = 1.0 V
CTR
1000
%
Saturated CTR
IF = 10 mA, VCE = 1.0 V
CTRSAT
500
%
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Rise time
IF = 10.0 mA, VCC = 10.0 V,
RL = 100 Ω
tr
3.5
µs
IF = 16.0 mA, VCC = 10.0 V,
RL = 180 Ω
tr
1.0
µs
Fall time
IF = 10.0 mA, VCC = 10.0 V,
RL = 100 Ω
tf
14.5
µs
IF = 16.0 mA, VCC = 10.0 V,
RL = 180 Ω
tf
20.5
µs
Turn-on time
IF = 10.0 mA, VCC = 10.0 V,
RL=100 Ω
ton
4.5
µs
IF = 16.0 mA, VCC = 10.0 V,
RL = 180 Ω
ton
1.5
µs
Turn-off time
IF = 10.0 mA, VCC = 10.0 V,
RL=100 Ω
toff
29.0
µs
IF = 16.0 mA, VCC = 10.0 V,
RL = 180 Ω
toff
53.5
µs
Figure 1. Linear Operation ( without saturation)
isfh692at_01
VO
IF
RL = 100
Ω
ı
VCC = 10.0 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com