Electronic Components Datasheet Search
  English  ▼

X  

ALF20 Datasheet(PDF) 1 Page - Kemet Corporation

Part # ALF20
Description  Press-Fit Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALF20 Datasheet(HTML) 1 Page - Kemet Corporation

  ALF20 Datasheet HTML 1Page - Kemet Corporation ALF20 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Applications
• Uninterruptible power supply (UPS)
• Switch mode power supplies (SMPS)
• Smoothing
• Energy storage
• Demanding power supplies
• Frequency inverters
Press-Fit Aluminum
Electrolytic Capacitors
ALF20 & ALF40
PRODUCTS
Features & Benefits
• Eliminates soldering process problems
• Meets BS EN 60352-5:2012
• Compact size
• Reliable electrical contacts
• High ripple current
• Excellent surge voltage capability
• Customized spacing of press-fit connections
• Quick exchange of components
Product Checklist
• What is the pin configuration required?
• What are the operational conditions of your
application? Do you have a specification
available?
– What is the applied voltage VDC?
– What is the operational temperature?
– What is the applied ripple current
spectrum?
– What life expectancy is required?
– What are the end of life criteria?
• Does the application have size constraints?
If so, what are they?
• Does the application require UL recognized
sleeving?
Electrical/Physical Characteristics
ALF20
ALF40
±20% at
100 Hz +20°C
-40°C to +85°C
-40°C to +105°C
35, 40, 45, and
50 mm diameter,
30 to 105 mm
length
Aluminum
Electrolytic
35 - 550 VDC
25 - 500 VDC
180 - 100,000 μf
120 - 120,000 μf
Series
Tolerances
Temperature
Range
Case Sizes
Dielectric
Voltage
Options
Capacitance
Values
Printed Circuit Board (PCB) Requirements
PCB Thickness: 1.57 mm Minimum
Material Specification (mm)
Drill
Pin Length
Ø 1.613 ±0.025
6.6
Copper Thickness
Pin Width
0.025 minimum
1.66
Final Plated Through-Hole Diameter
Base Material
Ø 1.486 ±0.076
Copper Alloy C7025
Pin Insertion Force
Plating Material
125 N (28 lbf) maximum
Ni and Sn
Pin Retention Force
62 N (14 lbf) minimum
(Final Plated Through-Hole)
Why Choose KEMET
KEMET Electronics Corporation is a leading
global supplier of electronic components. We
offer our customers the broadest selection of
capacitor technologies in the industry, along
with an expanding range of electromechanical
devices, electromagnetic compatibility solutions
and supercapacitors. Our vision is to be the
preferred supplier of electronic component
solutions for customers demanding the highest
standards of quality, delivery and service.
For more information, samples
and engineering kits,
please visit us at www.kemet.com
or call 1.877.myKEMET.
SA1017
Copyright © 2017 KEMET


Similar Part No. - ALF20

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALF20G223EH063 KEMET-ALF20G223EH063 Datasheet
94Kb / 1P
ALF20, Aluminum Electrolytic, 85C, 22,000 uF, 20%, 63 VDC, -40/85C
More results

Similar Description - ALF20

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com