Electronic Components Datasheet Search
  English  ▼

X  

ALF20 Datasheet(PDF) 2 Page - Kemet Corporation

Part # ALF20
Description  Press-Fit Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALF20 Datasheet(HTML) 2 Page - Kemet Corporation

  ALF20 Datasheet HTML 1Page - Kemet Corporation ALF20 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCTS
Insertion/Retention Forces
Tests performed on 4 and 5 pin press-fit decks show a consistent insertion force of 100 N per pin.
• 4 pin press-fit deck requires 400 N insertion force
• 5 pin press-fit deck requires 500 N insertion force
A force > 500 N has been repeatedly applied to the finished product (4 pin version).
Press-Fit Male/Female Interconnects
Press-Fit Aluminum
Electrolytic Capacitors
ALF20 & ALF40
SA1017
Copyright © 2017 KEMET



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com