Electronic Components Datasheet Search
  English  ▼

X  

5220 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 5220
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5220 Datasheet(HTML) 4 Page - Schurter Inc.

  5220 Datasheet HTML 1Page - Schurter Inc. 5220 Datasheet HTML 2Page - Schurter Inc. 5220 Datasheet HTML 3Page - Schurter Inc. 5220 Datasheet HTML 4Page - Schurter Inc. 5220 Datasheet HTML 5Page - Schurter Inc. 5220 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Power Entry Modules with Line Filter
5220
https://www.schurter.com /PG06
EMC Products
Derating Curves
2-pole
020406080
100
0.2
0.0
I = << In
I = 0.7 In
I = 1.0 In
1.6
0.6
0.4
0.8
1.2
1.0
1.4
Ambient air temperature Ta °C
Attenuation Loss
- - - - 50
Ω differential mode _____ 50Ω common mode
Standard version
1 A
2 A
4 A
6 A
8 A
10 A
Medical version (M5)
1 A
2 A
4 A
6 A
8 A
10 A
All Variants
Rated Current
[A]
Filter-Type
Panel mounting
Fuseholder
Order Number
1
Standard Version
Snap-in
2-pole
5220.0143.1
█
2
Standard Version
Snap-in
2-pole
5220.0243.1
█
4
Standard Version
Snap-in
2-pole
5220.0443.1
6
Standard Version
Snap-in
2-pole
5220.0643.1
█



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com