Electronic Components Datasheet Search
  English  ▼

X  

5220 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 5220
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5220 Datasheet(HTML) 1 Page - Schurter Inc.

  5220 Datasheet HTML 1Page - Schurter Inc. 5220 Datasheet HTML 2Page - Schurter Inc. 5220 Datasheet HTML 3Page - Schurter Inc. 5220 Datasheet HTML 4Page - Schurter Inc. 5220 Datasheet HTML 5Page - Schurter Inc. 5220 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Power Entry Modules with Line Filter
5220
https://www.schurter.com /PG06
EMC Products
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
Typ 5220, Fuseholder 2-pole
Screw-On Version
Typ 5220, Fuseholder 2-pole
Snap-In Version
Approvals and Compliances
C14
70° C
Description
- Panel Mount :
Snap-in or screw-on mounting from front side
- 3 Functions :
Appliance Inlet Protection class I , Fuseholder for fuse-links 5 x 20 mm
2-pole , Line filter in standard and medical version
- Quick connect terminals 6.3 x 0.8 mm
Unique Selling Proposition
- Ultra-compact design
- Recessed faston connectors
- High quality filter case made of stainless steel
- Highly resistant since potted filter
Characteristics
- All single elements are already wired
- Plug removal necessary for fuse-link replacement
- Suitable for use in equipment according to IEC/UL 60950
Suitable for use in medical equipment according to IEC/UL 60601-1
References
Alternative: version without line filter 6220
Alternative: Standard version
Weblinks
pdf datasheet, html-datasheet, General Product Information, Distributor-
Stock-Check, Accessories, Detailed request for product
Technical Data
Ratings IEC
1 - 10 A @ Ta 40 °C / 250 VAC; 50 Hz
Ratings UL/CSA
1 - 10 A @ Ta 40 °C / 125 VAC; 60 Hz
Leakage Current
standard < 0.5 mA (250 V / 60 Hz)
medical < 5 µA (250 V / 60 Hz)
Dielectric Strength
> 1.7 kVDC between L-N
> 2.7 kVDC between L/N-PE
Test voltage (2 sec)
Allowable Operation Tempe-
rature
-25 °C to 85 °C
Climatic Category
25/085/21 acc. to IEC 60068-1
IP-Protection
from front side IP 40 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Quick connect terminals 6.3 x 0.8 mm
Panel Thickness S
Screw: max 8 mm
Mounting screw torque max 0.5 Nm
Snap-in: 0.8 mm to 3 mm
Material: Housing
Thermoplastic, black, UL 94V-0
appliance inlet/-outlet
C14 acc. to IEC 60320-1,
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class I
Fuseholder
2-pole, Shocksafe category PC2 acc. to
IEC 60127-6,
for fuse-links 5 x 20 mm
Rated Power Acceptance @
Ta 23 °C
5 x 20: 1.6 W (2-pole)
Power Acceptance @ Ta >
23°C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Line Filter
Standard and Medical Version, IEC
60939, UL 1283, CSA C22.2 no. 8
Technical Details
MTBF
> 2'300'000 h acc. to MIL-HB-217 F
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: 5220
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
Certificate Number: 101307
UL Approvals
UL
UL File Number: E72928


Similar Part No. - 5220

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5220 SCHURTER-5220 Datasheet
801Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
logo
List of Unclassifed Man...
5220 ETC2-5220 Datasheet
457Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
logo
Pomona Electronics
5220 POMONA-5220 Datasheet
139Kb / 1P
Pin Clips
logo
3M Electronics
5220 3M-5220 Datasheet
38Kb / 2P
DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
14-Aug-2016
logo
Schurter Inc.
5220 SCHURTER-5220 Datasheet
613Kb / 6P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
More results

Similar Description - 5220

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1092 SCHURTER-1092 Datasheet
697Kb / 7P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
5220 SCHURTER-5220 Datasheet
801Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
GSF2 SCHURTER-GSF2 Datasheet
426Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KEA SCHURTER-KEA Datasheet
576Kb / 4P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KFC SCHURTER-KFC_17 Datasheet
612Kb / 6P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
GSF1 SCHURTER-GSF1_18 Datasheet
438Kb / 6P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062_1809 SCHURTER-1062_1809 Datasheet
385Kb / 5P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
5220 SCHURTER-5220_V01 Datasheet
613Kb / 6P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
5220 SCHURTER-5220_V02 Datasheet
613Kb / 6P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
04.01.2022
KEA SCHURTER-KEA_V01 Datasheet
757Kb / 6P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com