Electronic Components Datasheet Search
  English  ▼

X  

TMS57014ADWBLE Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS57014ADWBLE
Description  DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS57014ADWBLE Datasheet(HTML) 4 Page - Texas Instruments

  TMS57014ADWBLE Datasheet HTML 1Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 2Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 3Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 4Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 5Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 6Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 7Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 8Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TMS57014A
DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
SLAS077D – SEPTEMBER 1993 – REVISED NOVEMBER 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
reset / initialization (continued)
120 Cycles of Fs
5 periods max
INIT
Internal
Reset
LRCK
Figure 1. Reset Timing Relationships
timing and control
The timing and control circuit generates and distributes necessary clocks throughout this design. XIN is the
external master clock input. The sample rate of the data paths is set as LRCK = XIN/512. With a fixed
oversampling ratio of 32x and each PWM output value requiring 16 XIN cycles, the effect of changing XIN is
shown in Table 1.
The DAC can be operated at any conversion rate between 48 kHz and 32 kHz by choosing the appropriate
master-clock frequency. Some of the functions of the converter, such as the de-emphasis filter, operate only
at the frequencies in Table 1.
Table 1. Master Clock to Sample Rate Comparison
XIN
(MHz)
256FSO
(MHz)
LRCK
(kHz)
24.5760
12.2880
48.0
22.5792
11.2896
44.1
19.3536
9.6768
37.8
16.3840
8.1920
32.0
digital-audio data interface
The conversion cycle is synchronized to the rising edge of LRCK, and the data must meet the setup
requirements specified in the timing requirements table. The input data is 16 or 18 bits with the MSB or LSB
first as selected in the system register. The BCK frequency must be equal to or greater than 32 Fs for 16-bit data
or 36 Fs for 18-bit data where Fs is the sample rate. Figure 2 illustrates the input timing.
15
14
1
0
15
14
1
0
15
14
1
0
15
14
1
0
17
16
Right Channel
Left Channel
BCK
DATA
(16-bit)
DATA
(18-bit)
LRCK
17
16
Figure 2. Audio-Data Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com