Electronic Components Datasheet Search
  English  ▼

X  

TMS57014ADWBLE Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS57014ADWBLE
Description  DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS57014ADWBLE Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS57014ADWBLE Datasheet HTML 3Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 4Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 5Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 6Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 7Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 8Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 9Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 10Page - Texas Instruments TMS57014ADWBLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TMS57014A
DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
SLAS077D – SEPTEMBER 1993 – REVISED NOVEMBER 1995
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
register set
Table 2 contains the register-set selection. Tables 3 and 4 list the bit functions.
Table 2. Register-Set Selection
BITS
DESCRIPTION
15
14
DESCRIPTION
0
0
Attenuation register
0
1
System register
1
x
Invalid condition†
† Bit 15 should always be set to 0 when writing
data for proper operation.
Table 3. Attenuation-Register Bit Functions
BITS‡
FUNCTION
13
12
11
10 – 0
FUNCTION
0
—
—
—
De-emphasis off
1
—
—
—
De-emphasis on
—
0
—
—
Channel mute off
—
1
—
—
Channel mute on
—
—
0
—
Bit 11 must be low
—
—
—
0
Digital attenuation, mute
—
—
—
1
Digital attenuation, – 60.2 dB§
—
—
—
2
Digital attenuation, – 54.2 dB§
—
—
—
3
Digital attenuation, – 50.7 dB§
—
—
—
. . .
—
—
—
1FF
Digital attenuation, – 6.04 dB§
—
—
—
200
Digital attenuation, – 6.02 dB§
—
—
—
201
Digital attenuation, – 6.00 dB§
—
—
—
. . .
—
—
—
3FF
Digital attenuation, – 0.01 dB§
—
—
—
400
Digital attenuation, 0.00 dB§
‡ Default value = 0400h
§ The attenuation values shown are typical values. Refer to the digital
attenuation section for a description of the attenuation function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com