Electronic Components Datasheet Search
  English  ▼

X  

TP339UG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TP339UG
Description  THERMOPILE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TP339UG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TP339UG Datasheet HTML 1Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 2Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 3Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 4Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 5Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 6Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 7Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 8Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
THERMOPILE
Part No:
80-01-00008
Type:
TP339UG
Microelectronics Business Division
2003.01
1 / 16
OPTO TECH CORPORATION
Tel:
886-3-5638951
Fax: 886-3-5783696
http://www.opto.com.tw
Since 1983
OPTO TECH
▓
Features
The thermopile sensor consists of a series of 116 thermoelements, forming a sensitive region
size of 900*900μm2 .The sensor is hermetically sealed into a TO-18 metal housing, with an optical
filter. This standard filter allows measurements to be made in the spectral range above 5μm
wavelength. The thermosensor exhibits an almost white noise, comparable to an ohmic resistance.
It has a constant signal versus frequency up to its frequency limit, and is directly proportional to
incident radiation. The thermopile sensors are featured with an additional temperature reference
resistor on the same chip. The standard version of temperature reference resistor is housing
connected to ground.
▓
Applications
* Ear thermometers; clinic thermometers
* Infrared thermometers
* Consumer applications: hair dryer, micro-wave oven, air conditioner, refrigerator
* Continuous temperature control of manufacturing
* Security system
* Radiation monitor switch system
* Absorbing measurement for gas analysis
* Thermoelectric converter
* Heat flux flowmeter


Similar Part No. - TP339UG

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
TP339U ROITHNER-TP339U Datasheet
214Kb / 7P
Thermopile Infrared Sensor
More results

Similar Description - TP339UG

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPS333 PERKINELMER-TPS333 Datasheet
271Kb / 1P
Thermopile Detector
TPS334 PERKINELMER-TPS334 Datasheet
273Kb / 1P
Thermopile Detector
TPS334L106 PERKINELMER-TPS334L106 Datasheet
273Kb / 1P
Thermopile Detector
TPS4339 PERKINELMER-TPS4339 Datasheet
279Kb / 1P
Quad Thermopile
TPS434 PERKINELMER-TPS434 Datasheet
270Kb / 1P
Thermopile Detector
TPS534 PERKINELMER-TPS534 Datasheet
265Kb / 1P
Thermopile Detector
TPS535 PERKINELMER-TPS535 Datasheet
265Kb / 1P
Thermopile Detector
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
Thermopile Infrared Sensor
logo
Hamamatsu Corporation
T11361-01 HAMAMATSU-T11361-01 Datasheet
162Kb / 4P
Thermopile detector
logo
Zhengzhou Winsen Electr...
MRT117 WINSEN-MRT117 Datasheet
389Kb / 7P
Thermopile Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com