Electronic Components Datasheet Search
  English  ▼

X  

TP339UG Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # TP339UG
Description  THERMOPILE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TP339UG Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button TP339UG Datasheet HTML 8Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 9Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 10Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 11Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 12Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 13Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 14Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 15Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
THERMOPILE
Part No:
80-01-00008
Type:
TP339UG
Microelectronics Business Division
2003.01
14 / 16
OPTO TECH CORPORATION
Tel:
886-3-5638951
Fax: 886-3-5783696
http://www.opto.com.tw
Since 1983
OPTO TECH
▓
Reliability Test
Items
Conditions
Variation of Output Voltage MIL-STD reference
IEC reference
Vibration
15g, 20 min/ cycle,12 cycles/ axis
<+/- 2%
202F , 204D, B
Mechanical Shock
Half-sine, 100g, 6 ms
<+/- 2%
IEC 68-2-27 test Ea
Damp Heat
85℃, 85RH, 504 Hrs
<+/- 2%
IEC 68-2-3 test Ca
Cold
-40℃,504Hrs
<+/- 2%
IEC 68-2-1 test Aa
Dry Heat
130℃, 1008 Hrs
<+/- 3%
IEC 68-2-2 test Ba
Thermal Shock
-40℃/85℃, 30 mins dwell,
10 Cycles
<+/- 2%
IEC 68-2-14 test Nb
General preservation
1atm,15
oC~35oC, 1 years
<+/- 2%
Leakage
35psig, 30min, (1 x 10-7
atm*cc/sec)
100% No Leakage
883D , 1014.9 , E
Lead tension strength
> 5Kg
*The thermopile sensor can be damaged by ESD . Please take appropriate precautions of the handing .
▓
Pin assignment & description
BACKSIDE VIEW
2(R)
3(V-)
1(V+) 4(GND)
Pin assignment:
2 : thermistor pin
4 : thermistor pin (GND)
1 : thermopile output pin (+)
3 : thermopile output pin (-)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com