Electronic Components Datasheet Search
  English  ▼

X  

BC847AT Datasheet(PDF) 5 Page - Diodes Incorporated

Part # BC847AT
Description  45V NPN SMALL SIGNAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847AT Datasheet(HTML) 5 Page - Diodes Incorporated

  BC847AT Datasheet HTML 1Page - Diodes Incorporated BC847AT Datasheet HTML 2Page - Diodes Incorporated BC847AT Datasheet HTML 3Page - Diodes Incorporated BC847AT Datasheet HTML 4Page - Diodes Incorporated BC847AT Datasheet HTML 5Page - Diodes Incorporated BC847AT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BC847AT, BT, CT
Document number: DS30274 Rev. 10 - 2
5 of 6
www.diodes.com
September 2016
© Diodes Incorporated
BC847AT, BT, CT
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT523
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT523
SOT523
Dim
Min
Max
Typ
A
0.60
0.80
0.75
A1
0.00
0.10
0.05
A3
0.45
0.65
0.50
b
0.15
0.30
0.22
c
0.10
0.20
0.12
D
1.50
1.70
1.60
E
1.45
1.75
1.60
E1
0.75
0.85
0.80
e
0.50 BSC
e1
0.90
1.10
1.00
L
0.20
0.40
0.33
a
0
°
--
8
°
All Dimensions in mm
Dimensions
Value
C
1.29
X
0.40
X1
0.70
Y
0.51
Y1
1.80
E1
E
b
e1
D
A3
e
A2
A1
L
c
a
Y1
X
Y
X1
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com