Electronic Components Datasheet Search
  English  ▼

X  

PE39804 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39804
Description  N Male to N Male Low PIM Cable Using 1/2 inch Superflexible Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39804 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39804 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39804 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39804 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39804 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Frequency 4
Frequency
2.7 GHz
VSWR
1.11:1
Insertion Loss
0.06 dB/ft [0.2 dB/m]
Mechanical Specifications
Temperature
Temperature Operating Range
-40 to +80 deg C
Size
Diameter
0.535 in [13.59 mm]
.
Weight
0.129 lbs [58.51 g]
Cable Color
Black
One Time Minimum Bend Radius
0.6 in [15.24 mm]
Repeated Minimum Bend Radius
1.18 in [29.97 mm]
Cable
Cable Type
1/2” Superflexible
Inner Conductor Type
Solid
Cable Inner Conductor
Copper Clad Aluminum
No of Shields
1
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter
0.535 in [13.59 mm]
Connector 1
Type
N Male
Configuration
Straight
Mating Cycles
500
Inner Conductor Material and Plating
Brass, Silver
Outer Conductor Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size
18 mm
Torque
9.7 in-lbs [1.1 Nm]
Body Material and Plating
Brass, Silver
Dielectric Type
PTFE
Connector 2
Type
N Male
Configuration
Straight
Mating Cycles
500
Inner Conductor Material and Plating
Brass, Silver
Outer Conductor Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size
18 mm
Torque
9.7 in-lbs [1.1 Nm]
PE39804 REV 1.0
PE39804
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Low PIM Cable Using 1/2 inch Superflexible Coax, RoHS PE39804
N Male to N Male Low PIM Cable Using
1/2 inch Superflexible Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com