Electronic Components Datasheet Search
  English  ▼

X  

PE39804 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE39804
Description  N Male to N Male Low PIM Cable Using 1/2 inch Superflexible Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39804 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE39804 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39804 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39804 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39804 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Pasternack’s corrugated cable assemblies are ideal for applications where durability and high power are needed. These
high quality 50 ohm cable assemblies are constructed with a solid copper clad aluminum inner conductor, a foam dielectric,
corrugated copper tube, and a tough polyethylene jacket. The solid inner and outer conductors are design to help minimize
Intermodulation Distortion (IMD) in communications applications. Durability is ensured thanks to the Injected molded boot on
the connectors for added strain relief. Our carefully selected assemblies provide the highest quality on the market with PIM
ratings of -160 dBc and 1.11 VSWR’s. Available in 1/2” Flexible and 1/2” Superflexible cable types in 7/16 DIN and N Type
connector configurations.
Features
•
1/2” Flexible and 1/2” Superflexible cable
• 100% RF and PIM tested
• Low Insertion loss
•
Low VSWR at 2.7 GHz
• -160 dBc PIM rating
• Velocity of Propagation at 88%
Configuration
Connector 1
N Male
Connector 2
N Male
Cable Type
1/2” Superflexible
Electrical Specifications
Frequency Range
DC to 2.7 GHz
Impedance
50 Ohms
Maximum VSWR
1.11:1
Return Loss
25.66 dB
Velocity of Propagation
83 %
RF Shielding
120 dB
Peak Power
16 KWatts
Passive Intermodulation
-160 dBc
Performance by Frequency
Frequency 1
Frequency
900 MHz
VSWR
1.07:1
Insertion Loss
0.03 dB/ft [0.10 dB/m]
Frequency 2
Frequency
1.8 GHz
VSWR
1.09:1
Insertion Loss
0.05 dB/ft [0.16 dB/m]
Frequency 3
Frequency
2.2 GHz
VSWR
1.09:1
Insertion Loss
0.05 dB/ft [0.16 dB/m]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Low PIM Cable Using 1/2 inch Superflexible Coax, RoHS PE39804
PE39804 REV 1.0
PE39804
N Male to N Male Low PIM Cable Using
1/2 inch Superflexible Coax, RoHS


Similar Part No. - PE39804

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39804-100CM PASTERNACK-PE39804-100CM Datasheet
397Kb / 4P
N Male to N Male Low PIM Cable 100CM Length Using 1/2 inch Superflexible Coax, RoHS
PE39804-120 PASTERNACK-PE39804-120 Datasheet
397Kb / 4P
N Male to N Male Low PIM Cable 120 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39804-144 PASTERNACK-PE39804-144 Datasheet
399Kb / 4P
N Male to N Male Low PIM Cable 144 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39804-168 PASTERNACK-PE39804-168 Datasheet
399Kb / 4P
N Male to N Male Low PIM Cable 168 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39804-192 PASTERNACK-PE39804-192 Datasheet
398Kb / 4P
N Male to N Male Low PIM Cable 192 Inch Length Using 1/2 inch Superflexible Coax, RoHS
More results

Similar Description - PE39804

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE37968-48 PASTERNACK-PE37968-48 Datasheet
414Kb / 5P
N Male to N Male Low PIM Cable 48 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE37968-72 PASTERNACK-PE37968-72 Datasheet
414Kb / 5P
N Male to N Male Low PIM Cable 72 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39804-36 PASTERNACK-PE39804-36 Datasheet
397Kb / 4P
N Male to N Male Low PIM Cable 36 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39804-48 PASTERNACK-PE39804-48 Datasheet
399Kb / 4P
N Male to N Male Low PIM Cable 48 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39804-60 PASTERNACK-PE39804-60 Datasheet
397Kb / 4P
N Male to N Male Low PIM Cable 60 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39804-72 PASTERNACK-PE39804-72 Datasheet
399Kb / 4P
N Male to N Male Low PIM Cable 72 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39804-100CM PASTERNACK-PE39804-100CM Datasheet
397Kb / 4P
N Male to N Male Low PIM Cable 100CM Length Using 1/2 inch Superflexible Coax, RoHS
PE39804-144 PASTERNACK-PE39804-144 Datasheet
399Kb / 4P
N Male to N Male Low PIM Cable 144 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39804-168 PASTERNACK-PE39804-168 Datasheet
399Kb / 4P
N Male to N Male Low PIM Cable 168 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39804-192 PASTERNACK-PE39804-192 Datasheet
398Kb / 4P
N Male to N Male Low PIM Cable 192 Inch Length Using 1/2 inch Superflexible Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com