Electronic Components Datasheet Search
  English  ▼

X  

ADC10062CIWM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10062CIWM
Description  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10062CIWM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC10062CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Pin Descriptions
DV
CC,AVCC
These are the digital and analog positive sup-
ply voltage inputs. They should always be
connected to the same voltage source, but
are brought out separately to allow for sepa-
rate bypass capacitors. Each supply pin
should be bypassed with a 0.1 µF ceramic
capacitor in parallel with a 10 µF tantalum
capacitor to ground.
INT
This is the active low interrupt output. INT
goes low at the end of each conversion, and
returns to a high state following the rising
edge of RD.
S/H
This is the Sample/Hold control input. When
this pin is forced low (and CS is low), it
causes the analog input signal to be sampled
and initiates a new conversion.
RD
This is the active low Read control input.
When this RD and CS are low, any data
present in the output registers will be placed
on the data bus.
CS
This is the active low Chip Select control in-
put. When low, this pin enables the RD and
S/H pins.
S0, S1
On the multiple-input devices (ADC10062
and ADC10064), these pins select the analog
input that will be connected to the A/D during
the conversion. The input is selected based
on the state of S0 and S1 when S/H makes its
High-to-Low transition (See the Timing Dia-
grams). The ADC10064 includes both S0 and
S1. The ADC10062 includes just S0, and the
ADC10061 includes neither.
V
REF−,VREF+
These are the reference voltage inputs. They
may be placed at any voltage between GND
and V
CC, but VREF+ must be greater than
V
REF−. An input voltage equal to VREF− pro-
duces an output code of 0, and an input volt-
age equal to (V
REF+ − 1 LSB) produces an
output code of 1023.
V
IN,VIN0,VIN1,VIN2,
V
IN3
These are the analog input pins. The
ADC10061
has
one
input
(V
IN),
the
ADC10062 has two inputs (V
IN0 and VIN1),
and the ADC10064 has four inputs (V
IN0,
V
IN1,VIN2 and VIN3). The impedance of the
source should be less than 500
Ω for best
accuracy and conversion speed. For accurate
conversions, no input pin (even one that is
not selected) should be driven more than
50 mV above V
CC or 50 mV below ground.
GND, AGND, DGND
These are the power supply ground pins. The
ADC10061 has a single ground pin (GND),
and the ADC10062 and ADC10064 have
separate analog and digital ground pins
(AGND and DGND) for separate bypassing of
the analog and digital supplies. The ground
pins should be connected to a stable,
noise-free system ground. For the devices
with two ground pins, both pins should be
returned to the same potential.
DB0–DB9
These are the TRI-STATE® output pins.
SPEED ADJ
(ADC10062 and ADC10064 only). This pin is
normally left unconnected, but by connecting
a resistor between this pin and ground, the
conversion time can be reduced. See the
Typical Performance Curves and the table of
Electrical Characteristics.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com