Electronic Components Datasheet Search
  English  ▼

X  

ADC10062CIWM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10062CIWM
Description  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10062CIWM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC10062CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ADC10061/ADC10062/ADC10064
10-Bit 600 ns A/D Converter with Input Multiplexer and
Sample/Hold
General Description
Using an innovative, patented multistep* conversion tech-
nique, the 10-bit ADC10061, ADC10062, and ADC10064
CMOS analog-to-digital converters offer sub-microsecond
conversion times yet dissipate a maximum of only 235 mW.
The ADC10061, ADC10062, and ADC10064 perform a
10-bit conversion in two lower-resolution “flashes”, thus
yielding a fast A/D without the cost, power dissipation, and
other problems associated with true flash approaches. The
ADC10061 is pin-compatible with the ADC1061 but much
faster, thus providing a convenient upgrade path for the
ADC1061.
The analog input voltage to the ADC10061, ADC10062, and
ADC10064 is sampled and held by an internal sampling
circuit. Input signals at frequencies from dc to over 200 kHz
can therefore be digitized accurately without the need for an
external sample-and-hold circuit.
The ADC10062 and ADC10064 include a “speed-up” pin.
Connecting an external resistor between this pin and ground
reduces the typical conversion time to as little as 350 ns with
only a small increase in linearity error.
For ease of interface to microprocessors, the ADC10061,
ADC10062, and ADC10064 have been designed to appear
as a memory location or I/O port without the need for exter-
nal interface logic.
*U.S. Patent Number 4918449
Features
n
Built-in sample-and-hold
n
Single +5V supply
n
1, 2, or 4-input multiplexer options
n
No external clock required
n
Speed adjust pin for faster conversions (ADC10062
and ADC10064). See ADC10662/4 for high speed
guaranteed performance.
Key Specifications
n
Conversion time to 10 bits
600 ns typical,
n
900 ns max over temperature
n
Sampling Rate
800 kHz
n
Low power dissipation
235 mW (max)
n
Total unadjusted error
±1.0 LSB (max)
n
No missing codes over temperature
Applications
n
Digital signal processor front ends
n
Instrumentation
n
Disk drives
n
Mobile telecommunications
Simplified Block Diagram
01102001
*ADC10061 Only
**ADC10062 and ADC10064 Only
***ADC10064 Only
November 2001
© 2001 National Semiconductor Corporation
DS011020
www.national.com


Similar Part No. - ADC10062CIWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10062CIWM NSC-ADC10062CIWM Datasheet
333Kb / 14P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

Similar Description - ADC10062CIWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com