Electronic Components Datasheet Search
  English  ▼

X  

MB9B310R Datasheet(PDF) 59 Page - Cypress Semiconductor

Part # MB9B310R
Description  32-bit Arm짰 Cortex짰-M3FM3 Microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B310R Datasheet(HTML) 59 Page - Cypress Semiconductor

Back Button MB9B310R Datasheet HTML 55Page - Cypress Semiconductor MB9B310R Datasheet HTML 56Page - Cypress Semiconductor MB9B310R Datasheet HTML 57Page - Cypress Semiconductor MB9B310R Datasheet HTML 58Page - Cypress Semiconductor MB9B310R Datasheet HTML 59Page - Cypress Semiconductor MB9B310R Datasheet HTML 60Page - Cypress Semiconductor MB9B310R Datasheet HTML 61Page - Cypress Semiconductor MB9B310R Datasheet HTML 62Page - Cypress Semiconductor MB9B310R Datasheet HTML 63Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 117 page
background image
Document Number: 002-05619 Rev. *D
Page
59 of 117
MB9B310R Series
Pin
status
type
Function
group
Power-on
reset or
low-voltage
detection
state
INITX
input state
Device
internal
reset state
Run mode
or sleep
mode
state
Timer mode or sleep mode state
Power
supply
unstable
Power supply stable
Power
supply
stable
Power supply stable
-
INITX=0
INITX=1
INITX=1
INITX=1
-
-
-
-
SPL=0
SPL=1
H
External
interrupt
enabled
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous state
Maintain previous
state
GPIO
selected, or
other than
above
resource
selected
Hi-Z
Hi-Z/
Input
enabled
Hi-Z/
Input
enabled
Hi-Z/
Internal input fixed
at "0"
I
GPIO
selected,
resource
selected
Hi-Z
Hi-Z/
Input
enabled
Hi-Z/
Input
enabled
Maintain
previous
state
Maintain
previous state
Hi-Z/ Internal input
fixed at "0"
J
NMIX
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous state
Maintain previous
state
GPIO
selected, or
other than
above
resource
selected
Hi-Z
Hi-Z/
Input
enabled
Hi-Z/
Input
enabled
Hi-Z/
Internal input fixed
at "0"
K
Analog input
selected
Hi-Z
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal input
fixed at "0"/
Analog input
enabled
Hi-Z/
Internal input fixed
at "0"/
Analog input
enabled
GPIO
selected, or
other than
above
resource
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous state
Hi-Z/
Internal input fixed
at "0"
L
External
interrupt
enabled
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous state
Maintain previous
state
Analog input
selected
Hi-Z
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal input
fixed at "0"/
Analog input
enabled
Hi-Z/
Internal input fixed
at "0"/
Analog input
enabled
GPIO
selected, or
other than
above
resource
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous state
Hi-Z/
Internal input fixed
at "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com