Electronic Components Datasheet Search
  English  ▼

X  

MB9B310R Datasheet(PDF) 81 Page - Cypress Semiconductor

Part # MB9B310R
Description  32-bit Arm짰 Cortex짰-M3FM3 Microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B310R Datasheet(HTML) 81 Page - Cypress Semiconductor

Back Button MB9B310R Datasheet HTML 77Page - Cypress Semiconductor MB9B310R Datasheet HTML 78Page - Cypress Semiconductor MB9B310R Datasheet HTML 79Page - Cypress Semiconductor MB9B310R Datasheet HTML 80Page - Cypress Semiconductor MB9B310R Datasheet HTML 81Page - Cypress Semiconductor MB9B310R Datasheet HTML 82Page - Cypress Semiconductor MB9B310R Datasheet HTML 83Page - Cypress Semiconductor MB9B310R Datasheet HTML 84Page - Cypress Semiconductor MB9B310R Datasheet HTML 85Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 117 page
background image
Document Number: 002-05619 Rev. *D
Page
81 of 117
MB9B310R Series
12.4.9
Base Timer Input Timing
Timer input timing
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Input pulse width
tTIWH
tTIWL
TIOAn/TIOBn
(when using as
ECK, TIN)
-
2tCYCP
-
ns
Trigger input timing
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Input pulse width
tTRGH
tTRGL
TIOAn/TIOBn
(when using
as TGIN)
-
2tCYCP
-
ns
Note:
− tCYCP indicates the APB bus clock cycle time.
About the APB bus number which Base Timer is connected to, see 8. Block Diagram in this data sheet.
tTIWH
VIHS
VIHS
VILS
VILS
tTIWL
tTRGH
VIHS
VIHS
VILS
VILS
tTRGL
ECK
TIN
TGIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com