Electronic Components Datasheet Search
  English  ▼

X  

MB9B500B Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB9B500B
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B500B Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB9B500B Datasheet HTML 9Page - Cypress Semiconductor MB9B500B Datasheet HTML 10Page - Cypress Semiconductor MB9B500B Datasheet HTML 11Page - Cypress Semiconductor MB9B500B Datasheet HTML 12Page - Cypress Semiconductor MB9B500B Datasheet HTML 13Page - Cypress Semiconductor MB9B500B Datasheet HTML 14Page - Cypress Semiconductor MB9B500B Datasheet HTML 15Page - Cypress Semiconductor MB9B500B Datasheet HTML 16Page - Cypress Semiconductor MB9B500B Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 115 page
background image
Document Number: 002-05607 Rev. *E
Page
13 of 115
MB9B500B Series
Pin no.
Pin name
I/O circuit
type
Pin state
type
LQFP-100
BGA-112
LQFP-120
7
D3
7
P55
E
I
SCK6_0
(SCL6_0)
ADTG_1
RTO15_0
(PPG14_0)
MDATA5
8
D5
8
P56
E
H
SIN1_0
(120pin only)
INT08_2
DTTI1X_0
MCSX7
-
-
9
P57
E
I
SOT1_0
(SDA1_0)
MNALE
-
-
10
P58
E
I
SCK1_0
(SCL1_0)
MNCLE
-
-
11
P59
E
H
SIN7_0
RX1_1
INT09_2
MNWEX
-
-
12
P5A
E
I
SOT7_0
(SDA7_0)
TX1_1
MNREX
-
-
13
P5B
E
I
SCK7_0
(SCL7_0)
9
E1
14
P30
E
H
AIN0_0
TIOB0_1
INT03_2
MDATA6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com