Electronic Components Datasheet Search
  English  ▼

X  

MB9B500B Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB9B500B
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B500B Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB9B500B Datasheet HTML 1Page - Cypress Semiconductor MB9B500B Datasheet HTML 2Page - Cypress Semiconductor MB9B500B Datasheet HTML 3Page - Cypress Semiconductor MB9B500B Datasheet HTML 4Page - Cypress Semiconductor MB9B500B Datasheet HTML 5Page - Cypress Semiconductor MB9B500B Datasheet HTML 6Page - Cypress Semiconductor MB9B500B Datasheet HTML 7Page - Cypress Semiconductor MB9B500B Datasheet HTML 8Page - Cypress Semiconductor MB9B500B Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 115 page
background image
Document Number: 002-05607 Rev. *E
Page
2 of 115
MB9B500B Series
[UART]
Full-duplex double buffer
Selection with or without parity supported
Built-in dedicated baud rate generator
External clock available as a serial clock
Hardware Flow control: Automatically control the
transmission by CTS/RTS (only ch.4)
Various error detect functions available (parity errors,
framing errors, and overrun errors)
[CSIO]
Full-duplex double buffer
Built-in dedicated baud rate generator
Overrun error detect function available
[LIN]
LIN protocol Rev.2.1 supported
Full-duplex double buffer
Master/Slave mode supported
LIN break field generate (can be changed 13-16bit length)
LIN break delimiter generate (can be changed 1-4bit length)
Various error detect functions available (parity errors,
framing errors, and overrun errors)
[I2C]
Standard-mode (Max.100 kbps) / Fast-mode (Max.400 kbps)
supported
External Bus Interface
Supports SRAM, NOR& NAND Flash device
Up to 8 chip selects
8-/16-bit Data width
Up to 25-bit Address bit
Maximum area size: Up to 256 Mbytes
DMA Controller (8 channels)
DMA Controller has an independent bus for CPU, so CPU and
DMA Controller can process simultaneously.
8 independently configured and operated channels
Transfer can be started by software or request from the
built-in peripherals
Transfer address area: 32 bit(4 Gbyte)
Transfer mode: Block transfer/Burst transfer/Demand
transfer
Transfer data type: byte/half-word/word
Transfer block count: 1 to 16
Number of transfers: 1 to 65536
A/D Converter (Max. 16 channels)
[12-bit A/D Converter]
Successive Approximation Register type
Built-in 3unit
Conversion time: 1.0 μs@5 V
Priority conversion available (priority at 2levels)
Scanning conversion mode
Built-in FIFO for conversion data storage (for SCAN
conversion: 16steps, for Priority conversion: 4steps)
Base Timer (Max. 8 channels)
Operation mode is selectable from the followings for each
channel.
16-bit PWM timer
16-bit PPG timer
16-/32-bit reload timer
16-/32-bit PWC timer
Multi-function Timer (Max. 2 units)
The Multi-function timer is composed of the following blocks.
16-bit free-run timer × 3 ch/unit
Input capture × 4 ch/unit
Output compare × 6 ch/unit
A/D activation compare × 3 ch/unit
Waveform generator × 3 ch/unit
16-bit PPG timer × 3 ch/unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com