Electronic Components Datasheet Search
  English  ▼

X  

MB91F467BA Datasheet(PDF) 105 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 105 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 101Page - Cypress Semiconductor MB91F467BA Datasheet HTML 102Page - Cypress Semiconductor MB91F467BA Datasheet HTML 103Page - Cypress Semiconductor MB91F467BA Datasheet HTML 104Page - Cypress Semiconductor MB91F467BA Datasheet HTML 105Page - Cypress Semiconductor MB91F467BA Datasheet HTML 106Page - Cypress Semiconductor MB91F467BA Datasheet HTML 107Page - Cypress Semiconductor MB91F467BA Datasheet HTML 108Page - Cypress Semiconductor MB91F467BA Datasheet HTML 109Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 104 of 126
15.4
A/D Converter Characteristics
(VDD5  AVCC5  3.0 V to 5.5 V, VSS5  AVSS5  0 V, TA  40 C to  125 C)
Note: The accuracy gets worse as AVRH - AVRL becomes smaller
Parameter
Symbol Pin name
Value
Unit
Remarks
Min
Typ
Max
Resolution

10
bit
Total error

 3
 3LSB
Nonlinearity error

 2.5
 2.5
LSB
Differential nonlinearity
error

 1.9
 1.9
LSB
Zero reading voltage
VOT
ANn
AVRL
1.5 LSB AVRL  0.5 LSB
AVRL
 2.5 LSB
V
Full scale reading voltage
VFST
ANn
AVRH
3.5
LSB
AVRH
1.5 LSB
AVRH
 0.5 LSB
V
Compare time
Tcomp
0.6
16,500
s
4.5 V ≤ AVCC5 ≤ 5.5 V
2.0

s
3.0 V ≤ AVCC5 ≤ 4.5 V
Sampling time
Tsamp
0.4

s
4.5 V ≤ AVCC5 ≤ 5.5 V,
REXT < 2 kΩ
1.0

s
3.0 V ≤ AVCC5 ≤ 4.5 V,
REXT < 1 kΩ
Conversion time
Tconv
1.0

s
4.5 V ≤ AVCC5 ≤ 5.5 V
3.0

s
3.0 V ≤ AVCC5 ≤ 4.5 V
Input capacitance
CIN
ANn

11
pF
Input resistance
RIN
ANn

2.6
k
4.5 V ≤ AVCC5 ≤ 5.5 V

12.1
k
3.0 V ≤ AVCC5 ≤ 4.5 V
Analog input leakage
current
IAIN
ANn
 1
 1
ATA   25 C
 3
 3
ATA   125 C
Analog input voltage
range
VAIN
ANn
AVRL
AVRH
V
Offset between input
channels
ANn

4LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com