Electronic Components Datasheet Search
  English  ▼

X  

MB91F467BA Datasheet(PDF) 109 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 109 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 105Page - Cypress Semiconductor MB91F467BA Datasheet HTML 106Page - Cypress Semiconductor MB91F467BA Datasheet HTML 107Page - Cypress Semiconductor MB91F467BA Datasheet HTML 108Page - Cypress Semiconductor MB91F467BA Datasheet HTML 109Page - Cypress Semiconductor MB91F467BA Datasheet HTML 110Page - Cypress Semiconductor MB91F467BA Datasheet HTML 111Page - Cypress Semiconductor MB91F467BA Datasheet HTML 112Page - Cypress Semiconductor MB91F467BA Datasheet HTML 113Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 108 of 126
15.5
Alarm Comparator Characteristics
1. The fast Alarm Comparator mode is enabled by setting ACSR.MD=1 Setting ACSR.MD=0 sets the normal mode.
Parameter
Symbol
Pin
name
Value
Unit
Remarks
Min
Typ
Max
Power supply
current
IA5ALMF
AVCC5
25
40
A
Alarm comparator en-
abled in fast mode
(per channel) [1]
IA5ALMS
710
A
Alarm comparator en-
abled in normal mode
(per channel) [1]
IA5ALMH

5
A
Alarm comparator dis-
abled
ALARM pin input
current
IALIN
ALARM_n
 1
 1
ATA=25 C
 3
 3
ATA=125 C
ALARM pin input
voltage range
VALIN
0
AVCC5V
Alarm upper limit
voltage
VIAH
AVCC5 × 0.78 - 3%
AVCC5 × 0.78
AVCC5 × 0.78 + 3%
V
Alarm lower limit
voltage
VIAL
AVCC5 × 0.36 - 5%
AVCC5 × 0.36
AVCC5 × 0.36 + 5%
V
Alarm hysteresis
voltage
VIAHYS
50
-
250
mV
Alarm input
resistance
RIN
5

M
Comparion time
tCOMPF
0.1
0.2
s
Alarm comparator
enabled in fast mode [1]
tCOMPS
12
s
Alarm comparator
enabled in normal
mode [1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com