Electronic Components Datasheet Search
  English  ▼

X  

MB91F469GA Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # MB91F469GA
Description  32-bit Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F469GA Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button MB91F469GA Datasheet HTML 4Page - Cypress Semiconductor MB91F469GA Datasheet HTML 5Page - Cypress Semiconductor MB91F469GA Datasheet HTML 6Page - Cypress Semiconductor MB91F469GA Datasheet HTML 7Page - Cypress Semiconductor MB91F469GA Datasheet HTML 8Page - Cypress Semiconductor MB91F469GA Datasheet HTML 9Page - Cypress Semiconductor MB91F469GA Datasheet HTML 10Page - Cypress Semiconductor MB91F469GA Datasheet HTML 11Page - Cypress Semiconductor MB91F469GA Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 147 page
background image
MB91460G Series
Document Number: 002-04606 Rev. *A
Page 7 of 146
3. Pin Description
3.1
MB91F469Gx
JEDEC
Pin no.
Pin name
I/O
I/O
circuit type[1]
Description
B1
2
P24_1
I/O
A
General-purpose input/output port
INT1
External interrupt input pin
C1
3
P13_0
I/O
A
General-purpose input/output port
DREQ0
DMA external transfer request input
D1
4
P13_1
I/O
A
General-purpose input/output port
DACKX0
DMA external transfer acknowledge output pin
E1
5
P13_3
I/O
A
General-purpose input/output port
DEOP0
DMA external transfer EOP (End of Process) output pin
F1
6
P13_6
I/O
A
General-purpose input/output port
DEOTX1
DMA external transfer EOT (End of Track) output pin
DEOP1
DMA external transfer EOP (End of Process) output pin
G1
7
P11_1
I/O
A
General-purpose input/output port
IOWRX
DMA memory to I/O fly-by transfer output pin
H1
8
P09_3
I/O
A
General-purpose input/output port
CSX3
Chip select output pin
J1
9
P09_6
I/O
A
General-purpose input/output port
CSX6
Chip select output pin
K1
10
P08_2
I/O
A
General-purpose input/output port
WRX2
External write strobe output pin
L1
11
P08_5
I/O
A
General-purpose input/output port
BGRNTX
External bus release reception output pin
M1
12
P07_1
I/O
A
General-purpose input/output port
A1
Signal pin of external address bus (bit1)
N1
13
P07_5
I/O
A
General-purpose input/output port
A5
Signal pin of external address bus (bit5)
P1
14
P06_0
I/O
A
General-purpose input/output port
A8
Signal pin of external address bus (bit8)
R1
15
P06_4
I/O
A
General-purpose input/output port
A12
Signal pin of external address bus (bit12)
T1
16
P06_7
I/O
A
General-purpose input/output port
A15
Signal pin of external address bus (bit15)
U1
17
P05_3
I/O
A
General-purpose input/output port
A19
Signal pin of external address bus (bit19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com