Electronic Components Datasheet Search
  English  ▼

X  

MB91F469GA Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # MB91F469GA
Description  32-bit Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F469GA Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button MB91F469GA Datasheet HTML 5Page - Cypress Semiconductor MB91F469GA Datasheet HTML 6Page - Cypress Semiconductor MB91F469GA Datasheet HTML 7Page - Cypress Semiconductor MB91F469GA Datasheet HTML 8Page - Cypress Semiconductor MB91F469GA Datasheet HTML 9Page - Cypress Semiconductor MB91F469GA Datasheet HTML 10Page - Cypress Semiconductor MB91F469GA Datasheet HTML 11Page - Cypress Semiconductor MB91F469GA Datasheet HTML 12Page - Cypress Semiconductor MB91F469GA Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 147 page
background image
MB91460G Series
Document Number: 002-04606 Rev. *A
Page 8 of 146
JEDEC
Pin no.
Pin name
I/O
I/O
circuit type[1]
Description
V1
18
P05_6
I/O
A
General-purpose input/output port
A22
Signal pin of external address bus (bit22)
W1
19
P04_1
I/O
A
General-purpose input/output port
A25
Signal pin of external address bus (bit25)
Y2
21
P04_3
I/O
A
General-purpose input/output port
A27
Signal pin of external address bus (bit27)
Y3
22
P03_1
I/O
A
General-purpose input/output port
D1
Signal pin of external data bus (bit1)
Y4
23
P03_4
I/O
A
General-purpose input/output port
D4
Signal pin of external data bus (bit4)
Y5
24
P02_0
I/O
A
General-purpose input/output port
D8
Signal pin of external data bus (bit8)
Y6
25
P02_3
I/O
A
General-purpose input/output port
D11
Signal pin of external data bus (bit11)
Y7
26
P02_7
I/O
A
General-purpose input/output port
D15
Signal pin of external data bus (bit15)
Y8
27
P01_2
I/O
A
General-purpose input/output port
D18
Signal pin of external data bus (bit18)
Y9
28
P01_6
I/O
A
General-purpose input/output port
D22
Signal pin of external data bus (bit22)
Y10
29
P00_1
I/O
A
General-purpose input/output port
D25
Signal pin of external data bus (bit25)
Y11
30
P00_5
I/O
A
General-purpose input/output port
D29
Signal pin of external data bus (bit29)
Y12
31
P00_6
I/O
A
General-purpose input/output port
D30
Signal pin of external data bus (bit30)
Y13
32
P00_7
I/O
A
General-purpose input/output port
D31
Signal pin of external data bus (bit31)
Y14
33
P10_4
I/O
A
General-purpose input/output port
MCLKO
Clock output pin for memory
Y16
35
MONCLK
O
M
Clock monitor pin
W20
40
P21_0
I/O
A
General-purpose input/output port
SIN0
Data input pin of USART0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com