Electronic Components Datasheet Search
  English  ▼

X  

MB91F585MH Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # MB91F585MH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585MH Datasheet(HTML) 4 Page - Cypress Semiconductor

  MB91F585MH Datasheet HTML 1Page - Cypress Semiconductor MB91F585MH Datasheet HTML 2Page - Cypress Semiconductor MB91F585MH Datasheet HTML 3Page - Cypress Semiconductor MB91F585MH Datasheet HTML 4Page - Cypress Semiconductor MB91F585MH Datasheet HTML 5Page - Cypress Semiconductor MB91F585MH Datasheet HTML 6Page - Cypress Semiconductor MB91F585MH Datasheet HTML 7Page - Cypress Semiconductor MB91F585MH Datasheet HTML 8Page - Cypress Semiconductor MB91F585MH Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 3 of 175
MB91580M/S Series
 Clock Supervisor
Anomaly supervisory feature (by damaged
quartz, etc.) of external main oscillation (4MHz)
When anomaly is detected, clock is switched to
CR.
 Up/ down counter: 2 channels
8/16-bit Up/ down counter
 Base timer: 2 channels
16-bit timer
Any of four PWM/PPG/PWC/reload timer
functions can be selected and used.
As for the functions of PWC and reload timer, 2
channels of cascade mode can be used as 32-bit
timer.
 CRC generation
 Watchdog timer
Hardware watchdog
Software watchdog
 NMI
 Interrupt controller
 Interrupt request batch read
Multiple interrupts from peripherals can be read by a
series of registers.
 I/O relocation (MB91F583AM/F584AM/F585AM)
Change of pin position of peripheral functions
 Low-power consumption mode
Sleep/Stop/Watch
Stop (Power shutdown)/Watch (Power shutdown)
 Power-on reset
 Low-voltage detection reset (external low-voltage
detection)
 Low-voltage detection reset (internal low-voltage
detection)
 Package
MB91F583AM/F584AM/F585AM:
LQFP-100
MB91F583AS/F584AS/F585AS:
LQFP-64
 CMOS 90 nm technology
 Power supplies
Single 5V power supply
The voltage step-down circuit brings the 5.0V
down to generate 1.2V internally
I/O 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com