Electronic Components Datasheet Search
  English  ▼

X  

MB91F585MH Datasheet(PDF) 74 Page - Cypress Semiconductor

Part # MB91F585MH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585MH Datasheet(HTML) 74 Page - Cypress Semiconductor

Back Button MB91F585MH Datasheet HTML 70Page - Cypress Semiconductor MB91F585MH Datasheet HTML 71Page - Cypress Semiconductor MB91F585MH Datasheet HTML 72Page - Cypress Semiconductor MB91F585MH Datasheet HTML 73Page - Cypress Semiconductor MB91F585MH Datasheet HTML 74Page - Cypress Semiconductor MB91F585MH Datasheet HTML 75Page - Cypress Semiconductor MB91F585MH Datasheet HTML 76Page - Cypress Semiconductor MB91F585MH Datasheet HTML 77Page - Cypress Semiconductor MB91F585MH Datasheet HTML 78Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 73 of 175
MB91580M/S Series
Address
Address offset value/Register name
Block
+0
+1
+2
+3
00D080H
SUCC1[R/W] W
----1100 01000000 00010-00 1---0000
FlexRay
SUC
*5
00D084H
SUCC2[R/W] W
----0001 ---00000 00000101 00000100
00D088H
SUCC3[R/W] W
-------- -------- -------- 00010001
00D08CH
NEMC[R/W] W
-------- -------- -------- ----0000
FlexRay
NEM
*5
00D090H
PRTC1[R/W] W
000010-0 01001100 0000-110 00110011
FlexRay
PRT
*5
00D094H
PRTC2[R/W] W
--001111 00101101 --001010 --001110
00D098H
MHDC[R/W] W
---00000 00000000 -------- -0000000
FlexRay
MHD
*5
00D09CH
-
Reserved
00D0A0H
GTUC1[R/W] W
-------- ----0000 00000010 10000000
FlexRay
GTU
*5
00D0A4H
GTUC2[R/W] W
-------- ----0010 --000000 00001010
00D0A8H
GTUC3[R/W] W
-0000010 -0000010 00000000 00000000
00D0ACH
GTUC4[R/W] W
--000000 00001000 --000000 00000111
00D0B0H
GTUC5[R/W] W
00001110 ---00000 00000000 00000000
00D0B4H
GTUC6[R/W] W
-----000 00000010 -----000 00000000
00D0B8H
GTUC7[R/W] W
------00 00000010 ------00 00000100
00D0BCH
GTUC8[R/W] W
---00000 00000000 -------- --000010
00D0C0H
GTUC9[R/W] W
-------- ------00 ---00001 --000001
00D0C4H
GTUC10[R/W] W
-----000 00000010 --000000 00000101
00D0C8H
GTUC11[R/W] W
-----000 -----000 ------00 ------00
00D0CCH
|
00D0FCH
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com