Electronic Components Datasheet Search
  English  ▼

X  

MB91F583MH Datasheet(PDF) 126 Page - Cypress Semiconductor

Part # MB91F583MH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583MH Datasheet(HTML) 126 Page - Cypress Semiconductor

Back Button MB91F583MH Datasheet HTML 122Page - Cypress Semiconductor MB91F583MH Datasheet HTML 123Page - Cypress Semiconductor MB91F583MH Datasheet HTML 124Page - Cypress Semiconductor MB91F583MH Datasheet HTML 125Page - Cypress Semiconductor MB91F583MH Datasheet HTML 126Page - Cypress Semiconductor MB91F583MH Datasheet HTML 127Page - Cypress Semiconductor MB91F583MH Datasheet HTML 128Page - Cypress Semiconductor MB91F583MH Datasheet HTML 129Page - Cypress Semiconductor MB91F583MH Datasheet HTML 130Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 125 of 175
MB91580M/S Series
*9:
• Corresponding pins: General-purpose ports
• Use the devices within recommended operating conditions.
• Use the devices with direct voltage (current).
• The + B signal should always be applied by connecting a limiting resistor between the + B signal and the
microcontroller.
• The value of the limiting resistor should be set so that the current input to the microcontroller pin does not
exceed rated values at any time regardless of instantaneously or constantly when the + B signal is input.
• Note that when the microcontroller drive current is low, such as in the low-power consumption modes, the + B
input potential can increase the potential at the Vcc pin via a protective diode, possibly affecting other devices.
• Note that if the + B signal is input when the microcontroller is off (not fixed at 0 V), since the power is supplied
through the pin, the microcontroller may operate incompletely.
• Note that if the +B signal is input at power-on, since the power is supplied through the pin, the power-on reset
may not function in the power supply voltage.
• Do not leave + B input pins open.
Sample recommended circuit
MB91580M/S series
+B input (12 to 16V)
Protective diode
Limiting resistor
current
*10: To use this product at TA=125°C, equip this on a multilayer board with four or more layers.
To equip this on a single-layer board, change the operating conditions (operating frequency, power supply voltage,
etc) to use this at the power consumption PD=415mW or lower, or use this at TA=105°C or lower.
*11: When it is used exceeding TA=125°C, contact your sales representative.
WARNING
Semiconductor devices may be permanently damaged by application of stress (including, without limitation, voltage,
current or temperature) in excess of absolute maximum ratings. Do not exceed any of these ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com