Electronic Components Datasheet Search
  English  ▼

X  

MB91F583MH Datasheet(PDF) 129 Page - Cypress Semiconductor

Part # MB91F583MH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583MH Datasheet(HTML) 129 Page - Cypress Semiconductor

Back Button MB91F583MH Datasheet HTML 125Page - Cypress Semiconductor MB91F583MH Datasheet HTML 126Page - Cypress Semiconductor MB91F583MH Datasheet HTML 127Page - Cypress Semiconductor MB91F583MH Datasheet HTML 128Page - Cypress Semiconductor MB91F583MH Datasheet HTML 129Page - Cypress Semiconductor MB91F583MH Datasheet HTML 130Page - Cypress Semiconductor MB91F583MH Datasheet HTML 131Page - Cypress Semiconductor MB91F583MH Datasheet HTML 132Page - Cypress Semiconductor MB91F583MH Datasheet HTML 133Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 128 of 175
MB91580M/S Series
(TA: Recommended operating conditions, Vcc=5.0V±10%, VSS= AVSS=0.0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
"L" level input
voltage
VIL1
P000 to P007
*,
P010 to P017,
P020, P024,
P030 to P037,
P040 to P047,
P050 to P056,
P060 to P066
*,
P070 to P072,
P080 to P087
*,
P090 to P092
*,
P093, P094,
P095 to P097
*,
P100 to P102
*
When CMOS
schmitt input
level is selected
Vss-0.3
-
0.3 × VCC
V
VIL2
P000 to P007
*,
P010 to P017,
P020 to P027,
P030 to P037,
P040 to P047,
P050 to P056,
P060 to P066
*,
P070 to P072,
P080 to P087
*,
P090 to P092
*,
P093, P094,
P095 to P097
*,
P100 to P102
*
When
Automotive
input level is
selected
Vss-0.3
-
0.5 × VCC
V
VIL3
P021 to P023,
P025 to P027
When FlexRay
input level is
selected
Vss-0.3
-
0.3 × VCC
V
VIL4
RSTX, NMIX
-
Vss-0.3
-
0.3 × VCC
V
VIL5
MD0, MD1
-
Vss-0.3
-
0.3 × VCC
V
VIL6
DEBUGIF
-
Vss-0.3
-
0.8
V
*: Only available with MB91F583AM/F584AM/F585AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com