Electronic Components Datasheet Search
  English  ▼

X  

MB91F583MH Datasheet(PDF) 133 Page - Cypress Semiconductor

Part # MB91F583MH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583MH Datasheet(HTML) 133 Page - Cypress Semiconductor

Back Button MB91F583MH Datasheet HTML 129Page - Cypress Semiconductor MB91F583MH Datasheet HTML 130Page - Cypress Semiconductor MB91F583MH Datasheet HTML 131Page - Cypress Semiconductor MB91F583MH Datasheet HTML 132Page - Cypress Semiconductor MB91F583MH Datasheet HTML 133Page - Cypress Semiconductor MB91F583MH Datasheet HTML 134Page - Cypress Semiconductor MB91F583MH Datasheet HTML 135Page - Cypress Semiconductor MB91F583MH Datasheet HTML 136Page - Cypress Semiconductor MB91F583MH Datasheet HTML 137Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 132 of 175
MB91580M/S Series
(TA: Recommended operating conditions, Vcc=5.0V±10%, VSS= AVSS=0.0V)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power supply
current
ICC
VCC5
Normal
operations
FCP=128MHz,
FCPM=128MHz,
FCPP=32MHz
-
80
110
mA
FlexRay =ON
-
73
103
mA
FlexRay =OFF
Normal
operations
FCP=128MHz,
FCPM=32MHz,
FCPP=32MHz
-
77
107
mA
FlexRay =ON
-
70
100
mA
FlexRay =OFF
Normal
operations
FCP=80MHz,
FCPM=80MHz,
FCPP=40MHz
-
62
89
mA
FlexRay =ON
-
57
85
mA
FlexRay =OFF
Normal
operations
FCP=80MHz,
FCPM=40MHz,
FCPP=40MHz
-
61
88
mA
FlexRay =ON
-
56
84
mA
FlexRay =OFF
Flash write
FCP=128MHz,
FCPM=128MHz,
FCPP=32MHz
-
95
125
mA
*
Flash erase
FCP=128MHz,
FCPM=128MHz,
FCPP=32MHz
-
95
125
mA
*
*: This series has 2 types of flash; main flash and WorkFlash; however, this is the specification when only one of those
is written/erased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com