Electronic Components Datasheet Search
  English  ▼

X  

MB91F583MH Datasheet(PDF) 146 Page - Cypress Semiconductor

Part # MB91F583MH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583MH Datasheet(HTML) 146 Page - Cypress Semiconductor

Back Button MB91F583MH Datasheet HTML 142Page - Cypress Semiconductor MB91F583MH Datasheet HTML 143Page - Cypress Semiconductor MB91F583MH Datasheet HTML 144Page - Cypress Semiconductor MB91F583MH Datasheet HTML 145Page - Cypress Semiconductor MB91F583MH Datasheet HTML 146Page - Cypress Semiconductor MB91F583MH Datasheet HTML 147Page - Cypress Semiconductor MB91F583MH Datasheet HTML 148Page - Cypress Semiconductor MB91F583MH Datasheet HTML 149Page - Cypress Semiconductor MB91F583MH Datasheet HTML 150Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 145 of 175
MB91580M/S Series
SPI compatible (SCR:SPI=1) and serial clock output signal detect level "L" (SMR:SCINV=1)
(TA: Recommended operating conditions, VCC =5.0V±10%, VSS=AVSS=0.0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Serial clock cycle time
tSCYC
SCK0_0, SCK0_1
*,
SCK1, SCK2
*, SCK3*
Master mode
CL=50pF
4tCPP
-
ns
SCK
↓ ⇒ SOT
delay time
tSLOVI
SCK0_0, SCK0_1
*,
SCK1, SCK2
*, SCK3*,
SOT0_0, SOT0_1
*,
SOT1, SOT2
*, SOT3*
-30
+30
ns
Valid SIN
⇒ SCK ↑
setup time
tIVSHI
SCK0_0, SCK0_1
*,
SCK1, SCK2
*, SCK3*,
SIN0_0, SIN0_1
*,
SIN1, SIN2
*, SIN3*
30
-
ns
SCK
↑ ⇒ Valid SIN
hold time
tSHIXI
0
-
ns
SOT
⇒ SCK ↑
delay time
tSOVHI
SCK0_0, SCK0_1
*,
SCK1, SCK2
*, SCK3*,
SOT0_0, SOT0_1
*,
SOT1, SOT2
*, SOT3*
2tCPP-30
-
ns
Serial clock
"H" pulse width
tSHSL
SCK0_0, SCK0_1
*,
SCK1, SCK2
*, SCK3*
Slave mode
CL=50pF
tCPP+10
-
ns
Serial clock
"L" pulse width
tSLSH
2tCPP-10
-
ns
SCK
↓ ⇒ SOT
delay time
tSLOVE
SCK0_0, SCK0_1
*,
SCK1, SCK2
*, SCK3*,
SOT0_0, SOT0_1
*,
SOT1, SOT2
*, SOT3*
-
30
ns
Valid SIN
⇒ SCK ↑
setup time
tIVSHE
SCK0_0, SCK0_1
*,
SCK1, SCK2
*, SCK3*,
SIN0_0, SIN0_1
*,
SIN1, SIN2
*, SIN3*
10
-
ns
SCK
↑ ⇒ Valid SIN
hold time
tSHIXE
20
-
ns
SCK fall time
tF
SCK0_0, SCK0_1
*,
SCK1, SCK2
*,
SCK3
*
-
5
ns
SCK rise time
tR
SCK0_0, SCK0_1
*,
SCK1, SCK2
*,
SCK3
*
-
5
ns
*: Only available with MB91F583AM/F584AM/F585AM
Notes:
 This is the AC characteristic in CLK synchronized mode.
 CL is the load capacitance applied to pins during testing.
 The maximum baud rate is limited by the internal operation clock used and other parameters.
See Hardware Manual for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com