Electronic Components Datasheet Search
  English  ▼

X  

MB91F583MH Datasheet(PDF) 148 Page - Cypress Semiconductor

Part # MB91F583MH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583MH Datasheet(HTML) 148 Page - Cypress Semiconductor

Back Button MB91F583MH Datasheet HTML 144Page - Cypress Semiconductor MB91F583MH Datasheet HTML 145Page - Cypress Semiconductor MB91F583MH Datasheet HTML 146Page - Cypress Semiconductor MB91F583MH Datasheet HTML 147Page - Cypress Semiconductor MB91F583MH Datasheet HTML 148Page - Cypress Semiconductor MB91F583MH Datasheet HTML 149Page - Cypress Semiconductor MB91F583MH Datasheet HTML 150Page - Cypress Semiconductor MB91F583MH Datasheet HTML 151Page - Cypress Semiconductor MB91F583MH Datasheet HTML 152Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 147 of 175
MB91580M/S Series
When the serial chip select is used (SCSCR:CSEN=1)
 Serial clock output signal detect level "H" (SMR:SCINV=0)
 Serial chip select inactive level "H" (SCSCR:CSLVL=1)
(TA: Recommended operating conditions, VCC =5.0V±10%, VSS=AVSS=0.0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
SCS
↓ ⇒ SCK ↓
setup time
tCSSI
SCK1, SCK2
*4,
SCK3
*4,
SCS1, SCS2
*4,
SCS3
*4
Master mode
CL=50pF
tCSSU
*1+0
tCSSU
*1+50
ns
SCK
↑ ⇒ SCS ↑
hold time
tCSHI
tCSHD
*2-50
tCSHD
*2+0
ns
SCS deselect time
tCSDI
SCS1, SCS2
*4, SCS3*4
-50+5tCPP
+tCSDS
*3
+50+5tCPP
+tCSDS
*3
ns
SCS
↓ ⇒ SCK ↓
setup time
tCSSE
SCK1, SCK2
*4,
SCK3
*4,
SCS1, SCS2
*4,
SCS3
*4
Slave mode
CL=50pF
3tCPP+30
-
ns
SCK
↑ ⇒ SCS ↑
hold time
tCSHE
0
-
ns
SCS deselect time
tCSDE
SCS1, SCS2
*4, SCS3*4
3tCPP+30
-
ns
SCS
↓ ⇒ SOT
delay time
tDSE
SCS1, SCS2
*4,
SCS3
*4,
SOT1, SOT2
*4,
SOT3
*4
-
40
ns
SCS
↑ ⇒ SOT
delay time
tDEE
0
-
ns
*1: tCSSU =SCSTR:CSSU7-0 × Serial chip select timing operation clock
*2: tCSHD=SCSTR:CSHD7-0 × Serial chip select timing operation clock
*3: tCSDS=SCSTR:CSDS15-0 × Serial chip select timing operation clock
*4: Only available with MB91F583AM/F584AM/F585AM
For details of *1, *2 and *3 above, see Hardware Manual.
Notes:
 This is the AC characteristic in CLK synchronized mode.
 CL is the load capacitance applied to pins during testing.
 The maximum baud rate is limited by the internal operation clock used and other parameters.
See Hardware Manual for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com