Electronic Components Datasheet Search
  English  ▼

X  

MB91F583MH Datasheet(PDF) 162 Page - Cypress Semiconductor

Part # MB91F583MH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583MH Datasheet(HTML) 162 Page - Cypress Semiconductor

Back Button MB91F583MH Datasheet HTML 158Page - Cypress Semiconductor MB91F583MH Datasheet HTML 159Page - Cypress Semiconductor MB91F583MH Datasheet HTML 160Page - Cypress Semiconductor MB91F583MH Datasheet HTML 161Page - Cypress Semiconductor MB91F583MH Datasheet HTML 162Page - Cypress Semiconductor MB91F583MH Datasheet HTML 163Page - Cypress Semiconductor MB91F583MH Datasheet HTML 164Page - Cypress Semiconductor MB91F583MH Datasheet HTML 165Page - Cypress Semiconductor MB91F583MH Datasheet HTML 166Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 161 of 175
MB91580M/S Series
11.5.2
Definition of Terms
Resolution:
Analog variation that is recognized by an A/D converter.
Linearity error :
Deviation of the actual conversion characteristics from a straight line that connects the zero
transition point ("0000 0000 0000"
←→"0000 0000 0001") to the full-scale transition point ("1111
1111 1110"
←→"1111 1111 1111").
Differential linearity error:
Deviation of the input voltage from the ideal value that is required to change the output
code by 1LSB.
Linearity error
Differential linearity error
Linearity error of digital output N =
VNT - {1LSB×(N-1) + VOT}
[LSB]
1LSB
Differential linearity error of digital output N =
V(N + 1)T - VNT
-1 LSB
[LSB]
1LSB
1LSB =
VFST - VOT
[V]
4094
VOT: Voltage at which the digital output changes from "000 H" to "001H".
VFST: Voltage at which the digital output changes from "FFE H" to "FFFH".
AVSS
(AVRL)
AVRH
AVRH
Actual conversion
characteristics
{1 LSB (N - 1) + VOT}
AVSS
(AVRL)
VFST
VNT
VOT (Actually-measured value)
V(N+1)T
VNT
Ideal characteristics
Actual conversion
characteristics
Actual conversion
characteristics
Actual conversion
characteristics
Ideal characteristics
(Actually-measured value)
(Actually-
measured
value)
(Actually-measured value)
Analog input
Analog input
(Actually-measured
value)
N - 1
N - 2
N
N + 1
FFF
FFE
FFD
004
003
002
001
11.5.3
Notes on Using A/D Converter
<About the output impedance of the analog input of external circuit>
When the external impedance is too high, the sampling time for analog voltages may not be sufficient. In this case, it
is recommended to connect the capacitor (approx. 0.1
µF) to the analog input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com