Electronic Components Datasheet Search
  English  ▼

X  

MB91F583MH Datasheet(PDF) 166 Page - Cypress Semiconductor

Part # MB91F583MH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583MH Datasheet(HTML) 166 Page - Cypress Semiconductor

Back Button MB91F583MH Datasheet HTML 162Page - Cypress Semiconductor MB91F583MH Datasheet HTML 163Page - Cypress Semiconductor MB91F583MH Datasheet HTML 164Page - Cypress Semiconductor MB91F583MH Datasheet HTML 165Page - Cypress Semiconductor MB91F583MH Datasheet HTML 166Page - Cypress Semiconductor MB91F583MH Datasheet HTML 167Page - Cypress Semiconductor MB91F583MH Datasheet HTML 168Page - Cypress Semiconductor MB91F583MH Datasheet HTML 169Page - Cypress Semiconductor MB91F583MH Datasheet HTML 170Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 165 of 175
MB91580M/S Series
12. Example Characteristics
This characteristic is an actual value of the arbitrary sample. It is not the guaranteed value.
10.00
100.00
-50
0
50
100
150
T
A [ºC]
normal operation
(1)Fcp=128MHz, Fcpp=32MHz, Fcpm=128MHz, FlexRay=ON
(2)Fcp=128MHz, Fcpp=40MHz, Fcpm=40MHz, FlexRay=ON
(3)Fcp=80MHz, Fcpp=40MHz, Fcpm=80MHz, FlexRay=ON
(V
CC = 5.5V)
(1)
(2)
(3)
(4)
(4)Fcp=80MHz, Fcpp=40MHz, Fcpm=40MHz, FlexRay=ON
10.00
100.00
-50
0
50
100
150
T
A [ºC]
normal operation
(V
CC = 5.5V)
(1)
(2)
(3)
(4)
(1)Fcp=128MHz, Fcpp=32MHz, Fcpm=128MHz, FlexRay=OFF
(2)Fcp=128MHz, Fcpp=40MHz, Fcpm=40MHz, FlexRay=OFF
(3)Fcp=80MHz, Fcpp=40MHz, Fcpm=80MHz, FlexRay=OFF
(4)Fcp=80MHz, Fcpp=40MHz, Fcpm=40MHz, FlexRay=OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com