Electronic Components Datasheet Search
  English  ▼

X  

MB90351TASPMC Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # MB90351TASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90351TASPMC Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button MB90351TASPMC Datasheet HTML 29Page - Cypress Semiconductor MB90351TASPMC Datasheet HTML 30Page - Cypress Semiconductor MB90351TASPMC Datasheet HTML 31Page - Cypress Semiconductor MB90351TASPMC Datasheet HTML 32Page - Cypress Semiconductor MB90351TASPMC Datasheet HTML 33Page - Cypress Semiconductor MB90351TASPMC Datasheet HTML 34Page - Cypress Semiconductor MB90351TASPMC Datasheet HTML 35Page - Cypress Semiconductor MB90351TASPMC Datasheet HTML 36Page - Cypress Semiconductor MB90351TASPMC Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 33 of 83
MB90350 Series
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
44H
PPG A Operation Mode Control Register
PPGCA
W, R/W
16-bit Programmable
Pulse Generator A/B
0X000XX1B
45H
PPG B Operation Mode Control Register
PPGCB
W, R/W
0X000001B
46H
PPG A/B Count Clock Select Register
PPGAB
R/W
000000X0B
47H
Reserved
48H
PPG C Operation Mode Control Register
PPGCC
W,R/W
16-bit Programmable
Pulse Generator C/D
0X000XX1B
49H
PPG D Operation Mode Control Register
PPGCD
W,R/W
0X000001B
4AH
PPG C/D Count Clock Select Register
PPGCD
R/W
000000X0B
4BH
Reserved
4CH
PPG E Operation Mode Control Register
PPGCE
W,R/W
16-bit Programmable
Pulse Generator E/F
0X000XX1B
4DH
PPG F Operation Mode Control Register
PPGCF
W,R/W
0X000001B
4EH
PPG E/F Count Clock Select Register
PPGEF
R/W
000000X0B
4FH
Reserved
50H
Input Capture Control Status Register 0/1
ICS01
R/W
Input Capture 0/1
00000000B
51H
Input Capture Edge Register 0/1
ICE01
R/W, R
XXX0X0XXB
52H, 53H
Reserved
54H
Input Capture Control Status Register 4/5
ICS45
R/W
Input Capture 4/5
00000000B
55H
Input Capture Edge Register 4/5
ICE45
R
XXXXXXXXB
56H
Input Capture Control Status Register 6/7
ICS67
R/W
Input Capture 6/7
00000000B
57H
Input Capture Edge Register 6/7
ICE67
R/W, R
XXX000XXB
58H to 5BH
Reserved
5CH
Output Compare Control Status Register 4
OCS4
R/W
Output Compare 4/5
0000XX00B
5DH
Output Compare Control Status Register 5
OCS5
R/W
0XX00000B
5EH
Output Compare Control Status Register 6
OCS6
R/W
Output Compare 6/7
0000XX00B
5FH
Output Compare Control Status Register 7
OCS7
R/W
0XX00000B
60H
Timer Control Status Register 0
TMCSR0
R/W
16-bit Reload Timer 0
00000000B
61H
Timer Control Status Register 0
TMCSR0
R/W
XXXX0000B
62H
Timer Control Status Register 1
TMCSR1
R/W
16-bit Reload Timer 1
00000000B
63H
Timer Control Status Register 1
TMCSR1
R/W
XXXX0000B
64H
Timer Control Status Register 2
TMCSR2
R/W
16-bit Reload Timer 2
00000000B
65H
Timer Control Status Register 2
TMCSR2
R/W
XXXX0000B
66H
Timer Control Status Register 3
TMCSR3
R/W
16-bit Reload Timer 3
00000000B
67H
Timer Control Status Register 3
TMCSR3
R/W
XXXX0000B
68H
A/D Control Status Register 0
ADCS0
R/W
A/D Converter
000XXXX0B
69H
A/D Control Status Register 1
ADCS1
R/W
0000000XB
6AH
A/D Data Register 0
ADCR0
R
00000000B
6BH
A/D Data Register 1
ADCR1
R
XXXXXX00B
6CH
ADC Setting Register 0
ADSR0
R/W
00000000B
6DH
ADC Setting Register 1
ADSR1
R/W
00000000B
6EH
Low Voltage/CPU Operation Detection Reset
Control Register
LVRC
R/W, W
Low Voltage/CPU
Operation Detection
Reset
00111000B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com