Electronic Components Datasheet Search
  English  ▼

X  

MB90351TASPMC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # MB90351TASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90351TASPMC Datasheet(HTML) 4 Page - Cypress Semiconductor

  MB90351TASPMC Datasheet HTML 1Page - Cypress Semiconductor MB90351TASPMC Datasheet HTML 2Page - Cypress Semiconductor MB90351TASPMC Datasheet HTML 3Page - Cypress Semiconductor MB90351TASPMC Datasheet HTML 4Page - Cypress Semiconductor MB90351TASPMC Datasheet HTML 5Page - Cypress Semiconductor MB90351TASPMC Datasheet HTML 6Page - Cypress Semiconductor MB90351TASPMC Datasheet HTML 7Page - Cypress Semiconductor MB90351TASPMC Datasheet HTML 8Page - Cypress Semiconductor MB90351TASPMC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 4 of 83
MB90350 Series
1. Product Lineup 1
(Continued)
Part Number
Parameter
MB90F351,
MB90F352
MB90F351S,
MB90F352S
MB90F351A,
MB90F352A
MB90F351TA,
MB90F352TA
MB90F351AS,
MB90F352AS
MB90F351TAS,
MB90F352TAS
CPU
F2MC-16LX CPU
System clock
On-chip PLL clock multiplier (×1, ×2, ×3, ×4, ×6, 1/2 when PLL stops)
Minimum instruction execution time : 42 ns (oscillation clock 4 MHz, PLL × 6)
ROM
Flash memory
64Kbytes :MB90F351(S)
128Kbytes :MB90F352(S)
Dual operation flash memory
64Kbytes :MB90F351A(S), MB90F351TA(S)
128Kbytes :MB90F352A(S), MB90F352TA(S)
RAM
4 Kbytes
Emulator-specific power
supply*
—
Sub clock pin
(X0A, X1A)
(Max 100 kHz)
Yes
No
Yes
No
Clock monitor
function
No
Low voltage/CPU
operation detection
reset
No
No
Yes
No
Yes
Operating
voltage range
3.5 V to 5.5 V : at normal operating (not using A/D converter)
4.0 V to 5.5 V : at using A/D converter/Flash programming
4.5 V to 5.5 V : at using external bus
Operating
temperature range
40 °C to 105 °C (125 °C up to
16 MHz machine clock)
40 °C to 125 °C
Package
LQFP-64
UART
2 channels
Wide range of baud rate settings using a dedicated reload timer
Special synchronous options for adapting to different synchronous serial protocols
LIN functionality working either as master or slave LIN device
I2C (400 Kbps)
1 channel
A/D Converter
15 channels
10-bit or 8-bit resolution
Conversion time : Min 3
s includes sample time (per one channel)
16-bit Reload Timer
(4 channels)
Operation clock frequency : fsys/21, fsys/23, fsys/25 (fsys
Machine clock frequency)
Supports External Event Count function.
16-bit I/O Timer
(2 channels)
I/O Timer 0 (clock input FRCK0) corresponds to ICU 0/1.
I/O Timer 1 (clock input FRCK1) corresponds to ICU 4/5/6/7, OCU 4/5/6/7.
Signals an interrupt when overflowing.
Supports Timer Clear when a match with Output Compare (Channel 0, 4) .
Operation clock frequency : fsys, fsys/21, fsys/22, fsys/23, fsys/24, fsys/25, fsys/26, fsys/27
(fsys
Machine clock frequency)
16-bit Output
Compare
4 channels
Signals an interrupt when 16-bit I/O Timer matches with output compare registers.
A pair of compare registers can be used to generate an output signal.
16-bit Input Capture
6 channels
Retains freerun timer value by (rising edge, falling edge or rising & falling edge), signals an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com