Electronic Components Datasheet Search
  English  ▼

X  

LP5569ARTWR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569ARTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569ARTWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP5569ARTWR Datasheet HTML 11Page - Texas Instruments LP5569ARTWR Datasheet HTML 12Page - Texas Instruments LP5569ARTWR Datasheet HTML 13Page - Texas Instruments LP5569ARTWR Datasheet HTML 14Page - Texas Instruments LP5569ARTWR Datasheet HTML 15Page - Texas Instruments LP5569ARTWR Datasheet HTML 16Page - Texas Instruments LP5569ARTWR Datasheet HTML 17Page - Texas Instruments LP5569ARTWR Datasheet HTML 18Page - Texas Instruments LP5569ARTWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 93 page
background image
PWM Frequency
Sample Frequency = 10MHz
0.1
0.2 0.3
0.5 0.7 1
2
3 4 5 6 7 8 10
20
20
6
7
8
9
10
11
12
D003
15
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
Figure 15. Simplified Data Flow of Master Fader
8.3.1.2.3.1
PWM Master Fader on EN/PWM Pin
The EN/PWM pin provides a dual-function input. On power up, the pin functions as the device enable (EN)
function, where the first rising edge enables the LP5569 device. After the chip_en bit is set high in the CONFIG
register, the pin is reconfigured for PWM master-fader control of the LEDs. The LEDx_CONTROL register
(addresses 07h–0Fh) MF_MAPPINGx bits = 5h configures LEDx for PWM control.
The PWM input is a sampled input which converts the input duty-cycle information into an 11-bit code. The use
of a sampled input eliminates any noise and current ripple that is typical of traditional PWM-controlled LED
drivers. The PWM input uses logic-level thresholds with VIH_MIN = 1.25 V and VIL_MAX = 0.4 V. Because this is a
sampled input, there are limits on the maximum PWM input frequency as well as the resolution that can be
achieved.
8.3.1.2.3.2
PWM Master Fader Resolution and Input Frequency Range
The PWM input frequency range is 100 Hz to 20 kHz. To achieve the full 11-bit maximum resolution of PWM
duty cycle to the code, the input PWM duty cycle must be
≥ 11 bits, and the PWM sample period (1 / fSAMPLE)
must be smaller than the minimum PWM input pulse duration. Figure 16 shows the possible brightness code
resolutions based on the input PWM frequency.
Figure 16. PWM Resolution vs PWM Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com