Electronic Components Datasheet Search
  English  ▼

X  

LP5569ARTWR Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569ARTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569ARTWR Datasheet(HTML) 62 Page - Texas Instruments

Back Button LP5569ARTWR Datasheet HTML 58Page - Texas Instruments LP5569ARTWR Datasheet HTML 59Page - Texas Instruments LP5569ARTWR Datasheet HTML 60Page - Texas Instruments LP5569ARTWR Datasheet HTML 61Page - Texas Instruments LP5569ARTWR Datasheet HTML 62Page - Texas Instruments LP5569ARTWR Datasheet HTML 63Page - Texas Instruments LP5569ARTWR Datasheet HTML 64Page - Texas Instruments LP5569ARTWR Datasheet HTML 65Page - Texas Instruments LP5569ARTWR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 93 page
background image
62
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 62. ENGINE1_PROG_START Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
prog_start_addr1
R/W
0h
Engine 1 program start address.
8.6.1.48 ENGINE2_PROG_START Register (Address = 4Ch) [reset = 0h]
ENGINE2_PROG_START is shown in Figure 74 and described in Table 63.
Return to Summary Table.
Engine2 Program Start Register
Figure 74. ENGINE2_PROG_START Register
7
6
5
4
3
2
1
0
prog_start_addr2
R/W-0h
Table 63. ENGINE2_PROG_START Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
prog_start_addr2
R/W
0h
Engine 2 program start address.
8.6.1.49 ENGINE3_PROG_START Register (Address = 4Dh) [reset = 0h]
ENGINE3_PROG_START is shown in Figure 75 and described in Table 64.
Return to Summary Table.
Engine3 Program Start Register
Figure 75. ENGINE3_PROG_START Register
7
6
5
4
3
2
1
0
prog_start_addr3
R/W-0h
Table 64. ENGINE3_PROG_START Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
prog_start_addr3
R/W
0h
Engine 3 program start address.
8.6.1.50 PROG_MEM_PAGE_SELECT Register (Address = 4Fh) [reset = 0h]
PROG_MEM_PAGE_SELECT is shown in Figure 76 and described in Table 65.
Return to Summary Table.
Program Memory-Page Selection Register
SRAM page select. SRAM is 256 × 16 addressable from I2C, and is viewed as 16 pages of 32 bytes. This
register selects which page is being accessed, serving as the upper bits of the SRAM address. The I2C host
must write this register during the course of loading SRAM contents in order to access the next page.
Figure 76. PROG_MEM_PAGE_SELECT Register
7
6
5
4
3
2
1
0
RESERVED
page_sel
R/W-0h
R/W-0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com