Electronic Components Datasheet Search
  English  ▼

X  

MB90352APMC1 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # MB90352APMC1
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352APMC1 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button MB90352APMC1 Datasheet HTML 28Page - Cypress Semiconductor MB90352APMC1 Datasheet HTML 29Page - Cypress Semiconductor MB90352APMC1 Datasheet HTML 30Page - Cypress Semiconductor MB90352APMC1 Datasheet HTML 31Page - Cypress Semiconductor MB90352APMC1 Datasheet HTML 32Page - Cypress Semiconductor MB90352APMC1 Datasheet HTML 33Page - Cypress Semiconductor MB90352APMC1 Datasheet HTML 34Page - Cypress Semiconductor MB90352APMC1 Datasheet HTML 35Page - Cypress Semiconductor MB90352APMC1 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 32 of 83
MB90350 Series
12. I/O Map
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
00H
Port 0 Data Register
PDR0
R/W
Port 0
XXXXXXXXB
01H
Port 1 Data Register
PDR1
R/W
Port 1
XXXXXXXXB
02H
Port 2 Data Register
PDR2
R/W
Port 2
XXXXXXXXB
03H
Port 3 Data Register
PDR3
R/W
Port 3
XXXXXXXXB
04H
Port 4 Data Register
PDR4
R/W
Port 4
XXXXXXXXB
05H
Port 5 Data Register
PDR5
R/W
Port 5
XXXXXXXXB
06H
Port 6 Data Register
PDR6
R/W
Port 6
XXXXXXXXB
07H to 0AH
Reserved
0BH
Port 5 Analog Input Enable Register
ADER5
R/W
Port 5, A/D
11111111B
0CH
Port 6 Analog Input Enable Register
ADER6
R/W
Port 6, A/D
11111111B
0DH
Reserved
0EH
Input Level Select Register 0
ILSR0
R/W
Ports
00000000B
0FH
Input Level Select Register 1
ILSR1
R/W
Ports
00000000B
10H
Port 0 Direction Register
DDR0
R/W
Port 0
00000000B
11H
Port 1 Direction Register
DDR1
R/W
Port 1
00000000B
12H
Port 2 Direction Register
DDR2
R/W
Port 2
XX000000B
13H
Port 3 Direction Register
DDR3
R/W
Port 3
00000000B
14H
Port 4 Direction Register
DDR4
R/W
Port 4
XX000000B
15H
Port 5 Direction Register
DDR5
R/W
Port 5
X0000000B
16H
Port 6 Direction Register
DDR6
R/W
Port 6
00000000B
17H to 19H
Reserved
1AH
SIN input Level Setting Register
DDRA
W
UART2, UART3
X00XXXXXB
1BH
Reserved
1CH
Port 0 Pull-up Control Register
PUCR0
R/W
Port 0
00000000B
1DH
Port 1 Pull-up Control Register
PUCR1
R/W
Port 1
00000000B
1EH
Port 2 Pull-up Control Register
PUCR2
R/W
Port 2
00000000B
1FH
Port 3 Pull-up Control Register
PUCR3
R/W
Port 3
00000000B
20H to 37H
Reserved
38H
PPG 4 Operation Mode Control Register
PPGC4
W, R/W
16-bit Programmable
Pulse Generator 4/5
0X000XX1B
39H
PPG 5 Operation Mode Control Register
PPGC5
W, R/W
0X000001B
3AH
PPG 4/5 Count Clock Select Register
PPG45
R/W
000000X0B
3BH
Address Detect Control Register 1
PACSR1
R/W
Address Match
Detection 1
00000000B
3CH
PPG 6 Operation Mode Control Register
PPGC6
W, R/W
16-bit Programmable
Pulse Generator 6/7
0X000XX1B
3DH
PPG 7 Operation Mode Control Register
PPGC7
W, R/W
0X000001B
3EH
PPG 6/7 Count Clock Select Register
PPG67
R/W
000000X0B
3FH
Reserved
40H
PPG 8 Operation Mode Control Register
PPGC8
W, R/W
16-bit Programmable
Pulse Generator 8/9
0X000XX1B
41H
PPG 9 Operation Mode Control Register
PPGC9
W, R/W
0X000001B
42H
PPG 8/9 Count Clock Select Register
PPG89
R/W
000000X0B
43H
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com