Electronic Components Datasheet Search
  English  ▼

X  

MB90352APMC1 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # MB90352APMC1
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352APMC1 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button MB90352APMC1 Datasheet HTML 12Page - Cypress Semiconductor MB90352APMC1 Datasheet HTML 13Page - Cypress Semiconductor MB90352APMC1 Datasheet HTML 14Page - Cypress Semiconductor MB90352APMC1 Datasheet HTML 15Page - Cypress Semiconductor MB90352APMC1 Datasheet HTML 16Page - Cypress Semiconductor MB90352APMC1 Datasheet HTML 17Page - Cypress Semiconductor MB90352APMC1 Datasheet HTML 18Page - Cypress Semiconductor MB90352APMC1 Datasheet HTML 19Page - Cypress Semiconductor MB90352APMC1 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 16 of 83
MB90350 Series
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP64*
44
P24
G
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. In external bus mode, the pin is enabled as a general-
purpose I/O port when the corresponding bit in the external address output control
register (HACR) is 1.
A20
Output pin for A20 of the external address data bus. When the corresponding bit in the
external address output control register (HACR) is 0, the pin is
enabled as high address output pin A20.
IN0
Data sample input pin for input capture ICU0
51
P25
G
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. In external bus mode, the pin is enabled as a general-
purpose I/O port when the corresponding bit in the external address output control
register (HACR) is 1.
A21
Output pin for A21 of the external address data bus. When the corresponding bit in the
external address output control register (HACR) is 0, the pin is enabled as high address
output pin A21.
IN1
Data sample input pin for input capture ICU1
ADTG
Trigger input pin for A/D converter
52
P44
H
General purpose I/O port
SDA0
Serial data I/O pin for I2C 0
FRCK0
Input pin for the 16-bit I/O Timer 0
53
P45
H
General purpose I/O port
SCL0
Serial clock I/O pin for I2C 0
FRCK1
Input pin for the 16-bit I/O Timer 1
54
P30
G
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. This function is enabled in single-chip mode.
ALE
Address latch enable output pin. This function is enabled when external bus is enabled.
IN4
Data sample input pin for input capture ICU4
55
P31
G
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. This function is enabled in single-chip mode.
RD
Read strobe output pin for data bus. This function is enabled when external bus is
enabled.
IN5
Data sample input pin for input capture ICU5
56
P32
G
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. This function is enabled either in single-chip mode or with the WR/WRL pin
output disabled.
WR/WRL
Write strobe output pin for the data bus. This function is enabled when both the external
bus and the WR/WRL pin output are enabled. WRL is used to write-strobe 8 lower bits
of the data bus in 16-bit access. WR is used to write-strobe 8 bits of the data bus in 8-bit
access.
INT10R
External interrupt request input pin for INT10
57
P33
G
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. This function is enabled either in single-chip mode, in
external bus 8-bit mode or with the WRH pin output disabled.
WRH
Write strobe output pin for the 8 higher bits of the data bus. This function is enabled when
the external bus is enabled, when the external bus 16-bit mode is selected, and when
the WRH output pin is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com