Electronic Components Datasheet Search
  English  ▼

X  

PE44207 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE44207
Description  SMA Female Connector Solder Attachment .042 inch End Launch PCB, .020 inch x .010 inch Contact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44207 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE44207 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44207 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44207 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE44207 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SMA Female Connector Solder Attachment .042 inch End Launch PCB, .020 inch x .010 inch Contact from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment .042 inch End Launch PCB, .020 inch x .010 inch
Contact PE44207
URL: https://www.pasternack.com/sma-female-standard-0.042-end-launch-connector-pe44207-p.aspx
PE44207 REV 1.1
RF Connectors Technical Data Sheet
PE44207
SMA Female Connector Solder Attachment .042 inch
End Launch PCB, .020 inch x .010 inch Contact



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com