Electronic Components Datasheet Search
  English  ▼

X  

PE44207 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44207
Description  SMA Female Connector Solder Attachment .042 inch End Launch PCB, .020 inch x .010 inch Contact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44207 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44207 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44207 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44207 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE44207 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SMA Female Connector
• MIL-C-39012
• 50 Ohms
• Straight Body Geometry
• .042 inch End Launch Interface Type
• Solder Attachment
Features
• Max. Operating Frequency 18 GHz
• Gold over Nickel Plated Beryllium Copper Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• PCB Applications
.
Description
Pasternack’s PE44207 SMA female connector with solder attachment for .042 inch end launch PCB is part of our full line of
RF components available for same-day shipping. Our SMA female connector operates up to a maximum frequency of 18 GHz.
Our SMA female connector PE44207 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
Operating Voltage (AC)
335
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
High Potential Voltage
670
Vrms
at 4 and 7 MHz
Corona Discharge
250
Vrms
at 70,000 feet
Insulation Resistance
5,000
MOhms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment .042 inch End Launch PCB, .020 inch x .010 inch
Contact PE44207
PE44207 REV 1.1
SMA Female Connector Solder Attachment .042 inch
End Launch PCB, .020 inch x .010 inch Contact
RF Connectors Technical Data Sheet
PE44207


Similar Part No. - PE44207

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4420 PASTERNACK-PE4420 Datasheet
109Kb / 1P
SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE44200 PASTERNACK-PE44200 Datasheet
220Kb / 3P
RT SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE44201 PASTERNACK-PE44201 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44202 PASTERNACK-PE44202 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE44203 PASTERNACK-PE44203 Datasheet
214Kb / 2P
SMA Male Connector Crimp/Solder Attachment For PE-P195
More results

Similar Description - PE44207

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44210 PASTERNACK-PE44210 Datasheet
300Kb / 3P
SMA Male Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact
PE44137 PASTERNACK-PE44137 Datasheet
259Kb / 2P
SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact
PE4543 PASTERNACK-PE4543 Datasheet
267Kb / 2P
SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE44138 PASTERNACK-PE44138 Datasheet
238Kb / 2P
SMC Jack Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact
PE44213 PASTERNACK-PE44213 Datasheet
305Kb / 3P
SMA Female Bulkhead Connector Solder Attachment 0.042 inch End Launch PCB, .250 inch Diameter, .020 inch x .010 inch Contact
PE44214 PASTERNACK-PE44214 Datasheet
211Kb / 2P
SMA Female Bulkhead Connector Solder Attachment 0.062 inch End Launch PCB, .250 inch Diameter, .020 inch x .010 inch Contact
PE44135 PASTERNACK-PE44135 Datasheet
204Kb / 2P
SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE4913 PASTERNACK-PE4913 Datasheet
215Kb / 2P
SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE44202 PASTERNACK-PE44202 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE44208 PASTERNACK-PE44208 Datasheet
268Kb / 2P
SMA Female Connector Solder Attachment 0.047 inch End Launch PCB, .020 inch x .010 inch Contact
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com