Electronic Components Datasheet Search
  English  ▼

X  

PE44217 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44217
Description  2.4mm Female Connector Solder Attachment 2 Hole Flange Mount Pin Terminal, .481 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44217 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44217 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44217 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44217 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold over Nickel
MIL-G-45204
Insulation
PPO
Body
Passivated Stainless Steel
AS
TM-A380
.
Environmental Specifications
Temperature
Operating Range
-55 to +100 deg C
Vibration
MIL-STD-202, Method 204, Condition D (20 G’s)
Salt Spray
MIL-STD-202, Method 101, Condition B, 5% salt solu-
tion
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
2.4mm Female Connector Solder Attachment 2 Hole Flange Mount Pin Terminal, .481 inch Hole Spacing from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Female Connector Solder Attachment 2 Hole Flange Mount Pin Terminal, .481 inch Hole
Spacing PE44217
URL:
https://www.pasternack.com/2.4mm-female-standard-pin-terminal-connector-pe44217-p.aspx
PE44217 REV 1.1
RF Connectors Technical Data Sheet
PE44217
2.4mm Female Connector Solder Attachment 2 Hole
Flange Mount Pin Terminal, .481 inch Hole Spacing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com