Electronic Components Datasheet Search
  English  ▼

X  

PE44217 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44217
Description  2.4mm Female Connector Solder Attachment 2 Hole Flange Mount Pin Terminal, .481 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44217 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44217 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44217 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44217 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• 2.4mm Female Connector
• 50 Ohms
• Straight Body Geometry
• Pin Interface Type
• Solder Attachment
• 2 Hole Flange
Features
• Max. Operating Frequency 50 GHz
• Good VSWR of 1.3:1
• Gold over Nickel Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE44217 2.4mm female 2 hole flange mount connector with solder attachment pin terminal (.481 inch hole
spacing) is part of our full line of RF components available for same-day shipping. Our 2.4mm female connector operates up
to a maximum frequency of 50 GHz and offers good VSWR of 1.3:1. This 2.4mm 2 hole flange connector allows designers to
create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount
applications.
Our 2.4mm female 2 hole flange connector PE44217 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
50
GHz
VSWR
1.3:1
Insertion Loss
0.36
dB
.
Electrical Specification Notes:
Insertion loss: 0.05 x sqrt(fGHz) dB.
Mechanical Specifications
Size
Length
0.825 in [20.96 mm]
Width/Dia.
0.275 in [6.99 mm]
Height
0.625 in [15.88 mm]
.
Weight
0.01 lbs [4.54 g]
.
Mating Cycles
500 Cycles
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Female Connector Solder Attachment 2 Hole Flange Mount Pin Terminal, .481 inch
Hole Spacing PE44217
PE44217 REV 1.1
2.4mm Female Connector Solder Attachment 2 Hole
Flange Mount Pin Terminal, .481 inch Hole Spacing
RF Connectors Technical Data Sheet
PE44217


Similar Part No. - PE44217

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4421 PASTERNACK-PE4421 Datasheet
285Kb / 2P
SMA Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE44210 PASTERNACK-PE44210 Datasheet
300Kb / 3P
SMA Male Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact
PE44211 PASTERNACK-PE44211 Datasheet
217Kb / 2P
SMA Female Bulkhead Connector Solder Attachment 0.042 inch End Launch PCB, .250 inch Diameter, .030 inch Diameter
PE44212 PASTERNACK-PE44212 Datasheet
227Kb / 3P
SMA Female Bulkhead Connector Solder Attachment 0.062 inch End Launch PCB, .250 inch Diameter, .030 inch Diameter
PE44213 PASTERNACK-PE44213 Datasheet
305Kb / 3P
SMA Female Bulkhead Connector Solder Attachment 0.042 inch End Launch PCB, .250 inch Diameter, .020 inch x .010 inch Contact
More results

Similar Description - PE44217

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44220 PASTERNACK-PE44220 Datasheet
292Kb / 3P
2.4mm Male Connector Solder Attachment 2 Hole Flange Pin Terminal, .481 inch Hole Spacing
PE4867 PASTERNACK-PE4867 Datasheet
254Kb / 3P
RP SMA Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .481 inch Hole Spacing
PE4370 PASTERNACK-PE4370 Datasheet
235Kb / 2P
SMA Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PE44218 PASTERNACK-PE44218 Datasheet
215Kb / 3P
2.4mm Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE44225 PASTERNACK-PE44225 Datasheet
204Kb / 2P
2.4mm Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PE4004 PASTERNACK-PE4004 Datasheet
254Kb / 2P
SMA Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PE44341 PASTERNACK-PE44341 Datasheet
371Kb / 3P
SMA Female Precision Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .481 inch Hole Spacing
PE44593 PASTERNACK-PE44593 Datasheet
376Kb / 3P
SMA Female Right Angle Connector Solder Attachment 2 Hole Flange Mount Pin Terminal, .481 inch Hole Spacing
PE4370 PASTERNACK-PE4370_17 Datasheet
670Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Tab Terminal, .481 inch Hole Spacing
PE44223 PASTERNACK-PE44223 Datasheet
211Kb / 3P
2.4mm Male Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com