Electronic Components Datasheet Search
  English  ▼

X  

PE44265 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44265
Description  75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/Solder Attachment For RG59
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44265 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44265 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44265 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44265 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/Solder Attachment For RG59 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/Solder Attachment For RG59 PE44265
URL: http://www.pasternack.com/1.6-5.6-plug-standard-rg59-connector-pe44265-p.aspx
75 Ohm 1.6/5.6 Plug Right Angle Connector
Clamp/Solder Attachment For RG59
PE44265
PE44265 REV 01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com