Electronic Components Datasheet Search
  English  ▼

X  

PE44265 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44265
Description  75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/Solder Attachment For RG59
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44265 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44265 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44265 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44265 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/Solder Attachment For RG59
Configuration
Connector
1.6/5.6 Plug
Connector Interface Type
RG59
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.07 [27.18]
Width/Dia., in [mm]
0.425 [10.80]
Height, in [mm]
0.985 [25.02]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
1.6/5.6 Plug
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/Solder Attachment For RG59 PE44265
PE44265
PE44265 REV 01
75 Ohm 1.6/5.6 Plug Right Angle Connector
Clamp/Solder Attachment For RG59


Similar Part No. - PE44265

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4426 PASTERNACK-PE4426 Datasheet
115Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE44260 PASTERNACK-PE44260 Datasheet
211Kb / 2P
1.0-2.3 Jack Right Angle Bulkhead Connector Crimp- Solder Attachment For RG58, .236 inch DD Hole
PE44261 PASTERNACK-PE44261 Datasheet
216Kb / 3P
1.0-2.3 Jack Right Angle Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .236 inch DD Hole
PE44262 PASTERNACK-PE44262 Datasheet
212Kb / 2P
75 Ohm 1.6/5.6 Plug Connector Crimp Solder Attachment For RG179, RG187
PE44263 PASTERNACK-PE44263 Datasheet
291Kb / 2P
75 Ohm 1.6/5.6 Plug Connector Crimp/ Solder Attachment For RG59
More results

Similar Description - PE44265

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4266 PASTERNACK-PE4266 Datasheet
830Kb / 2P
75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
PE4203 PASTERNACK-PE4203 Datasheet
263Kb / 2P
75 Ohm SMB Plug Connector Clamp/ Solder Attachment For RG59, RG62
PE4258 PASTERNACK-PE4258 Datasheet
272Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG59, RG62
PE44264 PASTERNACK-PE44264 Datasheet
305Kb / 3P
75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
PE44263 PASTERNACK-PE44263 Datasheet
291Kb / 2P
75 Ohm 1.6/5.6 Plug Connector Crimp/ Solder Attachment For RG59
PE44171 PASTERNACK-PE44171 Datasheet
237Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG59
PE44269 PASTERNACK-PE44269 Datasheet
216Kb / 3P
75 Ohm 1.6/5.6 Jack Right Angle Bulkhead Connector Crimp/Solder Attachment For RG59, .362 inch DD Hole
PE4264 PASTERNACK-PE4264 Datasheet
218Kb / 2P
75 Ohm SMB Plug Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PE4607 PASTERNACK-PE4607 Datasheet
236Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG59
PE44262 PASTERNACK-PE44262 Datasheet
212Kb / 2P
75 Ohm 1.6/5.6 Plug Connector Crimp Solder Attachment For RG179, RG187
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com