Electronic Components Datasheet Search
  English  ▼

X  

PE44313 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44313
Description  75 Ohm F Male Connector Crimp/Solder Attachment for RG6-CATV, 3 Pieces Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44313 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44313 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44313 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44313 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
Insulation
PTFE
Body
Brass
Nickel
100 µin minimum
Coupling Nut
Brass
Nickel
100 µin minimum
.
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
75 Ohm F Male Connector Crimp/Solder Attachment for RG6-CATV, 3 Pieces Connector from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F Male Connector Crimp/Solder Attachment for RG6-CATV, 3 Pieces Connector PE44313
URL:
https://www.pasternack.com/f-male-standard-rg6-catv-connector-pe44313-p.aspx
PE44313 REV 1.1
RF Connectors Technical Data Sheet
PE44313
75 Ohm F Male Connector Crimp/Solder Attachment
for RG6-CATV, 3 Pieces Connector



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com