Electronic Components Datasheet Search
  English  ▼

X  

PE44313 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44313
Description  75 Ohm F Male Connector Crimp/Solder Attachment for RG6-CATV, 3 Pieces Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44313 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44313 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44313 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44313 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• F Male Connector
• 75 Ohms
• Straight Body Geometry
• RG6-CATV Interface Type
• Crimp/Solder Attachment
• 7/16 inch Hex
Features
• Max. Operating Frequency 1,000 MHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE44313 75 ohm type F male connector crimp/solder attachment for RG6-CATV is part of our full line of RF
components available for same-day shipping. Our type F male connector operates up to a maximum frequency of 1,000 MHz
and offers good VSWR of 1.3:1.
Our 75 ohm type F male connector PE44313 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.3:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.145 in [29.08 mm]
Width/Dia.
0.433 in [11.00 mm]
.
Weight
0.027 lbs [12.25 g]
.
Mating Torque
12 to 15 in-lbs [1.36 to 1.70 Nm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F Male Connector Crimp/Solder Attachment for RG6-CATV, 3 Pieces Connector
PE44313
PE44313 REV 1.1
75 Ohm F Male Connector Crimp/Solder Attachment
for RG6-CATV, 3 Pieces Connector
RF Connectors Technical Data Sheet
PE44313


Similar Part No. - PE44313

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4431 PASTERNACK-PE4431 Datasheet
128Kb / 1P
N MALE CLAMP ATTACHMENT
PE44310 PASTERNACK-PE44310 Datasheet
207Kb / 2P
MC-Card Plug Connector Crimp-Solder Attachment For RG178, RG196
PE44311 PASTERNACK-PE44311 Datasheet
269Kb / 2P
MC-Card Plug Right Angle Connector Crimp - Solder Attachment For RG178, RG196
PE44312 PASTERNACK-PE44312 Datasheet
275Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6
PE44314 PASTERNACK-PE44314 Datasheet
248Kb / 2P
75 Ohm F Male Connector Twist Attachment For RG6
More results

Similar Description - PE44313

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44312 PASTERNACK-PE44312 Datasheet
275Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6
PE44317 PASTERNACK-PE44317 Datasheet
243Kb / 2P
75 Ohm F Male Connector Crimp/Crimp Attachment For RG59, RG62, 3 Pieces Connector
PE4508 PASTERNACK-PE4508 Datasheet
222Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment For RG6
PE44162 PASTERNACK-PE44162 Datasheet
259Kb / 2P
75 Ohm TNC Male Connector Crimp/Solder Attachment For RG6
PE44314 PASTERNACK-PE44314 Datasheet
248Kb / 2P
75 Ohm F Male Connector Twist Attachment For RG6
PE44324 PASTERNACK-PE44324 Datasheet
225Kb / 3P
75 Ohm F Female Bulkhead Connector Crimp/ Solder Attachment For RG6-CATV
PE44320 PASTERNACK-PE44320 Datasheet
264Kb / 2P
75 Ohm F Male Right Angle Connector Crimp/ Solder Attachment For RG6-CATV
PE44452 PASTERNACK-PE44452 Datasheet
205Kb / 2P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6-CATV
PE4598 PASTERNACK-PE4598 Datasheet
250Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG6
PE44321 PASTERNACK-PE44321 Datasheet
205Kb / 2P
75 Ohm F Male Right Angle Connector Twist Attachment For RG6-CATV
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com