Electronic Components Datasheet Search
  English  ▼

X  

PE44330 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44330
Description  75 Ohm F Female Bulkhead Mount Connector Solder Attachment Pin Terminal, .380 inch Diameter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44330 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44330 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44330 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44330 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Brass
Tin
Body
Brass
Nickel
.
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
75 Ohm F Female Bulkhead Mount Connector Solder Attachment Pin Terminal, .380 inch Diameter from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F Female Bulkhead Mount Connector Solder Attachment Pin Terminal, .380 inch Diameter
PE44330
URL: https://www.pasternack.com/f-female-standard-pin-terminal-connector-pe44330-p.aspx
PE44330 REV 1.1
RF Connectors Technical Data Sheet
PE44330
75 Ohm F Female Bulkhead Mount Connector Solder
Attachment Pin Terminal, .380 inch Diameter



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com