Electronic Components Datasheet Search
  English  ▼

X  

PE44330 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44330
Description  75 Ohm F Female Bulkhead Mount Connector Solder Attachment Pin Terminal, .380 inch Diameter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44330 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44330 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44330 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44330 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• F Female Connector
• 75 Ohms
• Straight Body Geometry
• Pin Interface Type
• Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 2 GHz
• Tin Plated Brass Contact
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• CATV
.
Description
Pasternack’s PE44330 75 ohm type F female bulkhead connector with solder attachment pin terminal (.380 inch diameter)
is part of our full line of RF components available for same-day shipping. Our type F female connector operates up to a
maximum frequency of 2 GHz. This type F bulkhead connector allows designers to create external connections on their
product enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our 75 ohm type F female bulkhead connector PE44330 datasheet specifications and drawing with dimensions are shown
below in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure
and customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
2
GHz
.
Mechanical Specifications
Size
Length
1.019 in [25.88 mm]
Width/Dia.
0.438 in [11.13 mm]
.
Weight
0.014 lbs [6.35 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F Female Bulkhead Mount Connector Solder Attachment Pin Terminal, .380 inch
Diameter PE44330
PE44330 REV 1.1
75 Ohm F Female Bulkhead Mount Connector Solder
Attachment Pin Terminal, .380 inch Diameter
RF Connectors Technical Data Sheet
PE44330


Similar Part No. - PE44330

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4433 PASTERNACK-PE4433 Datasheet
215Kb / 2P
N Male Connector Clamp/Solder Attachment For RG218
PE4433 PASTERNACK-PE4433 Datasheet
317Kb / 3P
N Male Connector Clamp/Solder Attachment
PE44331 PASTERNACK-PE44331 Datasheet
213Kb / 2P
75 Ohm F Female Connector Solder Attachment Thru Hole PCB, .320 inch x .091 inch Hole Spacing
PE44332 PASTERNACK-PE44332 Datasheet
220Kb / 3P
75 Ohm F Female Bulkhead Connector Solder Attachment Thru Hole PCB, .340 inch x .091 inch Hole Spacing
PE44333 PASTERNACK-PE44333 Datasheet
241Kb / 2P
75 Ohm F Female Right Angle Connector Solder Attachment Thru Hole PCB, .320 inch x .091 inch Hole Spacing
More results

Similar Description - PE44330

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4506 PASTERNACK-PE4506 Datasheet
228Kb / 3P
75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PE4168 PASTERNACK-PE4168 Datasheet
204Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .317 inch Diameter
PE44620 PASTERNACK-PE44620 Datasheet
215Kb / 2P
75 Ohm BNC Female Bulkhead Connector Solder Attachment End Launch PCB, .500 inch Diameter
PE4505 PASTERNACK-PE4505 Datasheet
207Kb / 2P
75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE4488 PASTERNACK-PE4488 Datasheet
870Kb / 2P
N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PE44327 PASTERNACK-PE44327 Datasheet
204Kb / 2P
75 Ohm F Female Bulkhead Connector Solder Attachment Tab Terminal, .380 inch DD Hole
PE4189 PASTERNACK-PE4189_16 Datasheet
315Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4193 PASTERNACK-PE4193_16 Datasheet
349Kb / 3P
MHV Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .380 inch DD Hole
PE4505 PASTERNACK-PE4505_16 Datasheet
315Kb / 3P
75 Ohm N Female Bulkhead Mount Connector Solder Attachment
PE4506 PASTERNACK-PE4506_16 Datasheet
345Kb / 3P
75 Ohm N Female Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com