Electronic Components Datasheet Search
  English  ▼

X  

LM431 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM431
Description  PROGRAMMABLE PRECISION SHUNT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM431 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM431 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM431 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM431 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM431 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM431 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM431 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM431 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM431 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM431 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
LM431/A/C
Apr. 2012 – Rev.1.1
- 2 -
HTC
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Cathode Voltage
VKA
VREF
40
V
Cathode Current
IK
0.5
100
mA
ORDERING INFORMATION
Package
Tolerance
Order No.
Package Marking
Supplied As
Status
SOT-23
0.5%
LM431CSF
431O
Reel
Active
1 %
LM431ASF
431O
Reel
Active
431
LM
Package Type
Root Name
Product Code
SF : SOT23 3L
Tolerance
C : 0.5%
A : 1%
PIN CONFIGURATION
SOT-23 PKG
PIN DESCRIPTION
Pin No.
SOT-23
Name
Function
1
Cathode
Input Supply Voltage
2
Anode
Ground
3
Reference
Reference Voltage
1
3
TOP
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com