Electronic Components Datasheet Search
  English  ▼

X  

LM431 Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM431
Description  PROGRAMMABLE PRECISION SHUNT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM431 Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM431 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM431 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM431 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM431 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM431 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM431 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM431 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM431 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM431 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
LM431/A/C
Apr. 2012 – Rev.1.1
- 3 -
HTC
LM431 ELECTRICAL CHARACTERISTICS
(TA=25℃, unless otherwise specified)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reference Voltage
VREF
VKA =VREF, IK =10mA
0.5 %
2.487
2.500
2.512
V
1 %
2.475
2.500
2.525
Deviation of
Reference Voltage
ΔVREF/ΔT
VKA = VREF, IK =10mA
TA =Full Range
8
20
mV
Ratio of Change in
Reference Voltage to the
Change in Cathode Voltage
ΔVREF/ΔVKA
IK =10mA
ΔVKA=10V -VREF
-1.4
-2.7
mV/V
ΔVKA=36V-10V
-1.0
-2.0
Reference Current
IREF
IKA=10mA, R1=10㏀, R2=∞
1.8
4.0
uA
Deviation of Reference
Current
ΔIREF/ΔT
IK =10mA, R1=10㏀, R2=∞
TA =Full Range
0.4
1.2
uA
Minimum Cathode Current
for Regulation
IK(MIN)
VKA= VREF
0.5
mA
Off-State Cathode Current
IK(OFF)
VKA=36V, VREF=0
0.17
0.90
uA
Dynamic Impedance
ZKA
VKA= VREF, IK =1mA~100mA
f ≤ 1kHz
0.27
0.50
Ω
TEST CIRCUITS
[ Fig 1. Test circuit for VKA = VREF ]
[ Fig 2. Test circuit for VKA ≥ VREF ]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com